Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LS1-3-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 22LS1-3-R
Description  Telemetering System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LS1-3-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  22LS1-3-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: 22LS1
22LS1 SPECIFICATIONS
ES-6557 Rev.6 Page 6/7
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
80 (3.15) min.
12 (.47)
103 (4.06)
132 (5.20)
•When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
3
9
4
SYSTEM CONFIGURATION EXAMPLES
SIN-NET
Slave 1 Outputs
Slave 2 Outputs
Slave "n" Outputs
Local (Slave) Station
■ 1 to N TRANSMISSION
■ 1 to 1 TRANSMISSION
Modem
Interface
Model: 22LS1
Model: 22LS1
Model: 22LS1
Model: 22LA1
Modem
Interface
Model: 22LS1
300 bps
Modem
Model: MOD2
2
D
O
M
:
l
e
d
o
M
2
D
O
M
:
l
e
d
o
M
300 bps
Modem
Model: MOD2
SIN-NET
SIN-NET
Multi-Transmission
Module
Model: 22LA1
Model: 22LA1
Multi-Transmission
Module
Model: 22LA1
Master Station Control Room
Leased Circuit
Slave Sta. 1
SIN-NET
Leased Circuit
Master Station Control Room
Slave Sta. 2
Slave Sta. n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com