Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LS1-3-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 22LS1-3-R
Description  Telemetering System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LS1-3-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  22LS1-3-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LS1-3-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: 22LS1
22LS1 SPECIFICATIONS
ES-6557 Rev.6 Page 2/7
http://www.m-system.co.jp/
Error check: CRC
Cable: CPEV-0.9 dia.
Transmission distance: 500 meters
MODEM / INTERFACE
Transmission: Conform to EIA RS-232-C
Communication: asynchronous, half-duplex, no procedure
Transmission speed: 50 – 2400 bps
RS-232C connector: 9-pin D-sub connector (female)
RS-232-C cable: Cross (provided by the user)
INSTALLATION
Power consumption
•AC: Approx. 4.5 VA
•DC: Approx. 4 W (160 mA at 24 V)
Operating temperature: -5 to + 50°C (23 to 122°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500V AC @1 minute
(RS-232-C to SIN-NET to RUN contact output)
1500V AC @1 minute
(power to RS-232-C or SIN-NET or RUN contact output)
1500V AC @1 minute (FG to each section)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com