Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26TS1-2/K Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 26TS1-2/K
Description  Head-mounted Two-wire Signal Conditioners
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

26TS1-2/K Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  26TS1-2/K Datasheet HTML 1Page - M-System Co.,Ltd. 26TS1-2/K Datasheet HTML 2Page - M-System Co.,Ltd. 26TS1-2/K Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 26TS1
26TS1 SPECIFICATIONS
ES-4260 Rev.10 Page 1/3
https://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
26-UNIT
THERMOCOUPLE TRANSMITTER
(isolated)
Functions & Features
• Accepts direct input from a thermocouple and provides a
standard 4 – 20 mA DC signal
• Linearization and burnout
• High-accuracy cold junction compensation
• Wide operating temperature range suitable for harsh
environments
Typical Applications
• Mounting in a sensor connection head minimizes noise
effect and signal degradation
43.5 (1.71) DIA.
25
(.98)
mm (inch)
5
4
3
2
1
MODEL: 26TS1–[1][2]
ORDERING INFORMATION
• Code number: 26TS1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 26TS1-2/K/BL)
• Temperature range (e.g. 0 – 800°C)
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
0: Specify
[2] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
GENERAL SPECIFICATIONS
Construction: Sensor head-mounting
Connection: Euro type terminal
Applicable wire size: 0.14 – 1.5 mm2, stripped length 6 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment: -0.5 to +0.5 % (front)
Span adjustments: 99.5 to 100.5 % (front)
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
INPUT SPECIFICATIONS
Minimum span: 3 mV
Input resistance: 20 kΩ min.
Burnout sensing: 0.1 μA
Lower temperature range & span (in °C)
(PR): Lower range 0 to 880°C; min. span 370°C
K (CA): Lower range -270 to +1200°C; min. span 75°C
E (CRC): Lower range -270 to +750°C; min. span 50°C
J (IC): Lower range -210 to +800°C; min. span 60°C
T (CC): Lower range -270 to +325°C; min. span 75°C
B (RH): Lower range 0 to 1040°C; min. span 780°C
R: Lower range -50 to +550°C; min. span 360°C
S: Lower range -50 to +550°C; min. span 380°C
N: Lower range -270 to +1100°C; min. span 110°C
Lower temperature range & span (in °F)
(PR): Lower range 32 to 1616°F; min. span 670°F
K (CA): Lower range -454 to +2192°F; min. span 140°F
E (CRC): Lower range -454 to +1382°F; min. span 90°F
J (IC): Lower range -346 to +1472°F; min. span 110°F
T (CC): Lower range -454 to +617°F; min. span 140°F
B (RH): Lower range 32 to 1904°F; min. span 1450°F
R: Lower range -58 to +1022°F; min. span 680°F
S: Lower range -58 to +1022°F; min. span 700°F
N: Lower range -454 to +2012°F; min. span 200°F
Note: The described accuracy may be partially not satisfied
when the temperature ranges below 0°C. Consult M-System.


Similar Part No. - 26TS1-2/K

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
26T NELLSEMI-26T Datasheet
613Kb / 6P
Snubberless and Standard
26T06A-B NELLSEMI-26T06A-B Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
26T06A-CW NELLSEMI-26T06A-CW Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
26T06AI-B NELLSEMI-26T06AI-B Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
More results

Similar Description - 26TS1-2/K

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HUB MSYSTEM-27HUB Datasheet
199Kb / 7P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27PM MSYSTEM-27PM Datasheet
131Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27TS MSYSTEM-27TS Datasheet
147Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com