Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26TS1-2/K Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 26TS1-2/K
Description  Head-mounted Two-wire Signal Conditioners
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

26TS1-2/K Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  26TS1-2/K Datasheet HTML 1Page - M-System Co.,Ltd. 26TS1-2/K Datasheet HTML 2Page - M-System Co.,Ltd. 26TS1-2/K Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 26TS1
26TS1 SPECIFICATIONS
ES-4260 Rev.10 Page 2/3
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
15
20
25
30 32
0
200
400
600
800
1000
SUPPLY VOLTAGE [V]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 32 V DC
Operating temperature: -40 to +85°C (-40 to +185°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: Head-mounting (DIN type B head)
Weight: 40 g (1.4 oz)
PERFORMANCE in percentage of span
Accuracy (whichever is greater)
K, E, J: ±0.1 % of FS or ±0.2°C (±0.36°F)
T, N: ±0.2 % of FS or ±0.2°C (±0.36°F)
PR, B, R, S: ±0.3 % of FS
(at over 400°C for R, S and PR; over 770°C for B)
Cold junction compensation error
K: ±1°C max. at 0 – 85°C
0.2°C @25°C+0.035°C/°C at -40 – 0°C
J: ±2°C max. at 0 – 85°C
0.2°C @25°C+0.06°C/°C at -40 – 0°C
E, T, N: ±3°C max. at 0 – 85°C
0.2°C @25°C+0.14°C/°C at -40 – 0°C
PR, R, S: ±4°C max. at 0 – 85°C
0.2°C @25°C+0.25°C/°C at -40 – 0°C
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Burnout response: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(input to output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com