Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3A2-R Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # 22LA1-3A2-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3A2-R Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button 22LA1-3A2-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 9Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 10Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 11Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 12Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 13Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 14Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 15Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 11/22
CONTACT OUTPUT MODULE (BCD)
MODEL: 22LA1–3C2–[1]
ORDERING INFORMATION
• Code number: 22LA1–3C2-[1]
Specify a code from power input options for [1]
(e.g. 22LA1-3C2-K)
GENERAL SPECIFICATIONS
Output connector: 26-pin connector
(OMRON XG4A-2634)
Usable connector type: OMRON XG4M-2630-T,
XG5M-263x-N)
Usable cover type: OMRON XG5S-2612
The special cable (model: MCN26), Connector Terminal
Block (model: CNT) are available.
When driving an inductive load, external protection is
recommended.
INPUT SPECIFICATIONS
Hold Input: TTL level (5V-CMOS level); open collector or dry
contact (saturation voltage ≤ 1 V, sink current 1 mA);
negative logic
OUTPUT SPECIFICATIONS
Output: Open collector
Maximum collector-emitter voltage: 30 V DC
Maximum collector current: 30 mA
Saturation voltage: ≤ 1.1 V; negative logic
DAV output (Data available): Same level as for the output
code; negative logic
■ Starion No.: Match the number of input and output
modules
PERFORMANCE
Output time: ≤ 20 msec.
CONNECTOR PIN ASSIGNMENT
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
1 × 100 (B0 )
17
COM
2
2 × 100 (B1 )
18
COM
3
4 × 100 (B2 )
19
No connection
4
8 × 100 (B3 )
20
No connection
5
1 × 101 (B4 )
21
DAV
6
2 × 101 (B5 )
22
HOLD
7
4 × 101 (B6 )
23
COM
8
8 × 101 (B7 )
24
COM
9
1 × 102 (B8 )
25
No connection
10
2 × 102 (B9 )
26
No connection
11
4 × 102 (B10)
12
8 × 102 (B11)
13
1 × 103 (B12)
14
2 × 103 (B13)
15
4 × 103 (B14)
16
8 × 103 (B15)
B0 – B15 are inputs, DAV is an output, and HOLD is an input.
TERMINAL CONNECTION (OUTPUT)
Base Socket
OUTPUT
Isolation
TIMING CHART
DAV
DATA
OUTPUT
approx. 10 ms
approx. 1 ms
HOLD
When the HOLD input signal is valid ("L"), the DAV output is not
provided and the data output is held at the value before that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com