Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3A2-R Datasheet(PDF) 20 Page - M-System Co.,Ltd.

Part # 22LA1-3A2-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3A2-R Datasheet(HTML) 20 Page - M-System Co.,Ltd.

Back Button 22LA1-3A2-R Datasheet HTML 14Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 15Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 16Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 17Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 18Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 19Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 20Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 21Page - M-System Co.,Ltd. 22LA1-3A2-R Datasheet HTML 22Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 20/22
PULSE INPUT MODULE
(Pi 4 points)
MODEL: 22LA1–3P4–[1]
ORDERING INFORMATION
• Code number: 22LA1–3P4-[1]
Specify a code from power input options for [1]
(e.g. 22LA1-3P4-K)
INPUT SPECIFICATIONS
■ Pulse Input: Dry contact, 4 points
Commons: All negatives
Frequency: 0 – 10 kHz (approx.)
Pulse width requirement: 20.0 msec. min. for both L and H
levels
Sensing: 12 V DC
≥ 3 mA at ON; ≤ 1 mA at OFF
Counter: 0 – 16383 (3FFF(16)); reset to zero at overflow.
■ Reset input: Closing across the terminals 9 – 15 at power
startup initializes the counter values for Pi 1 thr. 4.
Close for at least 5 sec. after the power start up.
Reset the input unit counter first and then that of the output
unit.
■ Starion No.: Match the number of input and output
modules
PERFORMANCE
Multi-transmission time: 6 msec.
Input read time: 5 msec. per 4 points
TERMINAL CONNECTION (INPUT)
4
1
2
3
Base Socket
2
15
1
11
5
4
3
6
9
12
10
COM(–)
Pi 4
Pi 3
Pi 2
Pi 1
V
12V
Italic figures indicate LED No. on the front panel.
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com