Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3C1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 22LA1-3C1-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3C1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  22LA1-3C1-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 3/22
C) Computer interface: Set address numbers to correspond with the computer as I/O module.
■ Transmission Time
Integrate all the transmission time for each process input (or I/O-mixed) module in the system.
•Contact input, BCD, 16 points (A2) 1.5 msec.
•Contact input 8 points (A4) 1.5 msec.
•Contact I/O each 4 points (E5, E6) 1.5 msec.
•Analog input 8 points (G3) 12.0 msec.
•Analog input 4 points (G4) 6.0 msec.
•Pulse input 4 points (P4) 6.0 msec.
An analog module does not transmit all its signals in serial but does 1 point per each cycle. For example, when 1 contact input
module (8 points) and 1 analog input module (4 points) are connected, 8 point contact signal and 1 point analog signal are
transmitted in turn. One cycle time is therefore calculated as:
4 points × 1.5 msec. + 6 msec. = 12 msec.
This method is beneficial for giving a priority to contact signals which vary rapidly.
■ Transmission line configuration
The multi-drop transmission line containing 22LA1 and DLx units should meet the following conditions.
Contact M-System's sales office or representatives when designing.
A) 10 kilometers
at maximum in total system.
B) Line consists only of 22LA1 modules
: one multitransmission line can contain at the maximum of 16 units within the total
C) 22LA1 modules plus link adapter (model: DAL4)
: DAL4 units can expand the total distance. (8 DAL4 units max.)
D) 22LA1 modules plus DLx units
: the total distance of a section consists of 22LA1 modules is less than 500 meters. The 22LA1
1
A
L
2
2
1
A
L
2
2
DAL4
DAL4
22LA1
22LA1
22LA1
DLA1
DLA1
modules can be connected to DLx units via a DLx-7 unit. (Eight DLx-7 units max.)
distance of 500 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com