Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3C1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 22LA1-3C1-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3C1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  22LA1-3C1-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3C1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 1/22
Multiplex Transmission System
MULTI-TRANSMISSION MODULE
Functions & Features
• Miniaturized, plug-in, socket-mounted version of the
multiplex transmission system
• Analog, digital or pulse string signals transmitting via
twisted-pair cable
• No master station required
• Easy expansion up to 256 modules (2000 points)
Typical Applications
• Input and output processing for computer systems and
telemetering systems
• Complete system compatibility with DLA1 and other units,
utilizing the same communication protocol
72
(2.83)
144
(5.67)
80
(3.15)
mm (inch)
SA1
67 8
6 7 8
SA2
!
2
3
4
5
6
7
8
RUN
PWR
PU-2
MODEL: 22LA1–3[1]–[2]
ORDERING INFORMATION
• Code number: 22LA1–3[1]-[2]
Specify a code from below for each [1] and [2]
(e.g. 22LA1-3A4-K)
TRANSMISSION MEDIA
3: Twisted-pair cable for small-scale system
[1] I/O SECTION
A1: Di 24 points (BCD)
A2: Di 16 points (BCD)
A4: Di 8 points
C1: Do 24 points (BCD)
C2: Do 16 points (BCD)
C7: Do 8 points (relay)
C8: Do 8 points (photo MOSFET relay)
E5: Di 4 + Do 4 points (relay)
E6: Di 4 + Do 4 points (photo MOSFET relay)
G3: Ai 8 points
G4: Ai 4 points
M3: Ao 8 points
M4: Ao 4 points
P4: Pi 4 points
U4: Po 4 points
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Power input: M3.5 screw terminals
Field I/O: M3.5 screw terminals or 26-pin connector
Transmission: Euro type connector terminal
Housing material: Flame-resistant resin (black)
Isolation: I/O to transmission to reset (provided only for
pulse I/O type) to power
Terminator: Incorporated (remove jumper pin with those
modules not located at the end of transmission line)
Power indicator: Red LED turns ON in normal conditions;
OFF when the voltage level becomes low.
RUN indicator: Red LED turns ON when the selfdiagnosis
proves normal, OFF in an abnormality.
■ RUN Output: Contact opens when the self-diagnosis
detects an abnormality.
125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 × 107 cycles (rate 300/min.) 108 cycles
(rate 180/min.)
Self-diagnosis
Communication: The receiver modules detect loss of
communication and wire break.
CPU: Watch-dog timer
Memory: Sum check
Power voltage: Detects when the voltage supply to the CPU
drops.
COMMUNICATION
Communication: 2-wire, half-duplex
Transmission: conform to RS-422, EIA


Similar Part No. - 22LA1-3C1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
22LS1 MSYSTEM-22LS1 Datasheet
187Kb / 7P
Telemetering System
22LS1-3-K MSYSTEM-22LS1-3-K Datasheet
187Kb / 7P
Telemetering System
22LS1-3-L MSYSTEM-22LS1-3-L Datasheet
187Kb / 7P
Telemetering System
22LS1-3-R MSYSTEM-22LS1-3-R Datasheet
187Kb / 7P
Telemetering System
22LS1-3-S MSYSTEM-22LS1-3-S Datasheet
187Kb / 7P
Telemetering System
More results

Similar Description - 22LA1-3C1-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
M-System Co.,Ltd.
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com