Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV792MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV792MM Datasheet HTML 1Page - National Semiconductor (TI) LMV792MM Datasheet HTML 2Page - National Semiconductor (TI) LMV792MM Datasheet HTML 3Page - National Semiconductor (TI) LMV792MM Datasheet HTML 4Page - National Semiconductor (TI) LMV792MM Datasheet HTML 5Page - National Semiconductor (TI) LMV792MM Datasheet HTML 6Page - National Semiconductor (TI) LMV792MM Datasheet HTML 7Page - National Semiconductor (TI) LMV792MM Datasheet HTML 8Page - National Semiconductor (TI) LMV792MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMV791/LMV792
17 MHz, Low Noise, CMOS Input, 1.8V Operational
Amplifiers
General Description
The LMV791 (Single) and the LMV792 (Dual) low noise,
CMOS input operational amplifiers offer a low input voltage
noise density of 5.8 nV/
while consuming only 1.15 mA
(LMV791) of quiescent current. The LMV791 and LMV792
are unity gain stable op amps and have gain bandwidth of 17
MHz. The LMV791/ LMV792 have a supply voltage range of
1.8V to 5.5V and can operate from a single supply. The
LMV791/LMV792 each feature a rail-to-rail output stage ca-
pable of driving a 600
Ω load and sourcing as much as 60 mA
of current.
The LMV791 family provides optimal performance in low
voltage and low noise systems. A CMOS input stage, with
typical input bias currents in the range of a few femtoAm-
peres, and an input common mode voltage range which
includes ground make the LMV791 and the LMV792 ideal for
low power sensor applications. The LMV791 family has a
built-in enable feature which can be used to optimize power
dissipation in low power applications.
The LMV791/LMV792 are manufactured using National’s
advanced VIP50 process and are offered in a 6-pin TSOT23
and a 10-pin MSOP package respectively.
Features
(Typical 5V supply, unless otherwise noted)
n
Input referred voltage noise
5.8 nV/
n
Input bias current
100 fA
n
Unity gain bandwidth
17 MHz
n
Supply current per channel
— LMV791
1.15 mA
— LMV792
1.30 mA
n
Rail-to-rail output swing
— @ 10 k
Ω load
25 mV from rail
— @ 2k
Ω load
35 mV from rail
n
Guaranteed 2.5V and 5.0V performance
n
Total harmonic distortion
0.01% @1 kHz, 600
Ω
n
Temperature range
−40˚C to 125˚C
Applications
n
Photodiode amplifiers
n
Active filters and buffers
n
Low noise signal processing
n
Medical Instrumentation
n
Sensor interface applications
Typical Application
20116869
Photodiode Transimpedance Amplifier
20116839
Input Referred Voltage Noise vs. Frequency
November 2005
© 2005 National Semiconductor Corporation
DS201168
www.national.com


Similar Part No. - LMV792MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV792MM TI1-LMV792MM Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV792MM/NOPB TI1-LMV792MM/NOPB Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV792MMX TI1-LMV792MMX Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV792MMX/NOPB TI1-LMV792MMX/NOPB Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
More results

Similar Description - LMV792MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com