Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV792MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV792MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV792MM Datasheet HTML 7Page - National Semiconductor (TI) LMV792MM Datasheet HTML 8Page - National Semiconductor (TI) LMV792MM Datasheet HTML 9Page - National Semiconductor (TI) LMV792MM Datasheet HTML 10Page - National Semiconductor (TI) LMV792MM Datasheet HTML 11Page - National Semiconductor (TI) LMV792MM Datasheet HTML 12Page - National Semiconductor (TI) LMV792MM Datasheet HTML 13Page - National Semiconductor (TI) LMV792MM Datasheet HTML 14Page - National Semiconductor (TI) LMV792MM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
– =0,V+ = Supply
Voltage = 5V, V
CM =V
+/2, V
EN =V
+. (Continued)
Open Loop Gain and Phase with Capacitive Load
Open Loop Gain and Phase with Resistive Load
20116841
20116873
Closed Loop Output Impedance vs. Frequency
Crosstalk Rejection
20116832
20116880
Small Signal Transient Response, A
V = +1
Large Signal Transient Response, A
V =+1
20116838
20116837
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com