Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP905 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP905
Description  Air-Quality Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP905 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP905 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
30
50
100
150
180
270
老化天数(天)
MP905长期稳定性
V0
Fig7.long-term Stability of MP905
NOTE: Test is finished in standard test conditions, the abscissa is observing time and the ordinate is VRL.
Cautions
1 .Following conditions must be prohibited
1.1 Exposed to volatilizable organic silicon steam
Sensing material will lose sensitivity and never recover if the sensor absorbs organic silicon steam. Sensors
must avoid exposing to silicon bond, fixature, silicon latex, putty or plastic contain silicon environment.
1.2 High Corrosive gas
If the sensors are exposed to high concentration corrosive gas (such as H
2S, SOX, Cl2, HCl etc.), it will not only
result in corrosion of sensors structure, also it cause sincere sensitivity attenuation.
1.3 Alkali, Alkali metals salt, halogen pollution
The sensors performance will be changed badly if sensors be sprayed polluted by alkali metals salt especially
brine, or be exposed to halogen such as fluorine.
1.4 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.5 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost sensitivity.
1.6 Applied higher voltage
Applied voltage on sensor should not be higher than stipulated value, even if the sensor is not physically
damaged or broken, it causes down-line or heater damaged, and bring on sensors’ sensitivity characteristic
changed badly.
1.7 Voltage on wrong pins
As Fig8,Pin 1connects to heater(or test) power supply, Pin 2 connects to load resistance, Pin 3 connects
ground.;
Output Voltage (V)
Aging Time (day)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com