Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP905 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP905
Description  Air-Quality Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP905 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP905 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP905 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
MP905 Air-Quality Gas Sensor
Profile
MP905 gas sensor is for air quality. It adopts multilayer thick
film manufacturing technology. The heater and metal oxide
semiconductor material on the ceramic substrate of
subminiature Al2O3 are fetched out by electrode down-lead,
encapsulated in metal socket and cap. Conductivity of the
sensor is affected by the concentration of target gas. The
higher the concentration is, the higher conductivity of sensor
gets. Users can adopt simple circuit to convert variation of
conductivity into output signal corresponding to gas
concentration.
Features
High sensitivity to benzene,toluene,formaldehyde,alcohol,smoke,lighter gas,paints;quick response and resume;
low power consumption, simple detection circuit, good stability and long life.
Main Application
It is used in occasions such as household and office for harmful gas detection, automatic exhaust device, air
cleaner&etc.
Technical Parameters
Stable1.
Fig1. Sensor Structure
Model
MP905
Sensor Type
Semiconductor flat surfaced sensor
Standard Encapsulation
Metal Cap
Detection Gas
benzene,toluene,formaldehyde,al
cohol,smoke,lighter gas,paints
etc.
Detection range
0.5~1000ppm(alcohol)
Standard
circuit
Loop voltage
VC /
VH
5.0V±0.1V DC
Load resistance
RL
Adjustable
sensor
features in
standard test
condition
Heating resistance
RH
95Ω±10Ω(Room Tem.)
Heating consumption
PH
≤300mW
Surface resistance
RS
1KΩ~15KΩ(in 10ppm alcohol)
Sensitivity
S
Rs(in air)/Rs(in 10ppm alcohol)≥2
Concentration slope
α
≤0.6(R 50ppm/R 10ppm alcohol)
Standard
condition of
test
Temperature, humidity
20℃±2℃;65%±5%RH
Standard test circuit
VC/VH :5.0V±0.1V
Warm-up time
More than 48 hours



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com