Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB75 Datasheet(PDF) 1 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 1 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Applications
ASB75 Series
The ASB75 series is a range of low profile, half brick, baseplate cooled AC-DC power
supplies which require no external components. The series includes a built in EMC filter
and AC fuse as well as bulk storage capacitor providing a complete AC-DC power solution
ready for installation into end applications. The ASB75 offers high efficiency to minimise
waste heat and heat sinking requirements and operates from -40°C to +85°C on the module
baseplate.
2.40” x 2.28” x 0.67” (61.0 x 57.9 x 17.0 mm)
• 75W baseplate cooled
• Complete AC-DC power supply
• No external components required
• Low profile ½ brick package
• Universal input 90 to 264VAC
• High efficiency - up to 90%
• <0.15W no load input power
• Overcurrent, overvoltage and overtemperature protection
• Optional heatsink available
• -40 to +85°C baseplate temperature
• 3 year warranty
Features
Dimensions
75W
AC-DC POWER SUPPLIES
Models & Ratings
Model Number(2)(3)
Output Power
Output Voltage
Output Current
Noise and Ripple
Efficiency(1)
ASB75US12
75W
12.0V
6.25A
120mV
88%
ASB75US15
15.0V
5.00A
150mV
88%
ASB75US24
24.0V
3.12A
240mV
89%
ASB75US36
36.0V
2.05A
360mV
89%
ASB75US48
48.0V
1.56A
480mV
90%
1. Typical efficiency with 230VAC input and full load.
2. Add suffix ‘-HK’ to receive with optional heat-sink fitted, e.g. ASB75US24-HK.
3. Heat-sink is available separately, order part number ASB75 HEATSINK.
Notes:
Technology
Industrial
Electronics
IoT
COTS
BASEPLATE
COOLED


Similar Part No. - ASB75

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
ASB70R380E SHUNYE-ASB70R380E Datasheet
2Mb / 12P
MOSFET Silicon N-Channel MOS
Revision 1.3 2022-06-14
More results

Similar Description - ASB75

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com