Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2Z Datasheet(PDF) 1 Page - Sanken electric

Part # RG2Z
Description  Ultra-Fast-Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RG2Z Datasheet(HTML) 1 Page - Sanken electric

  RG2Z Datasheet HTML 1Page - Sanken electric RG2Z Datasheet HTML 2Page - Sanken electric RG2Z Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26
Ultra-Fast-Recovery Rectifier Diodes 200V
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Package
Part Number
VRM
(V)
IF (AV)
(A)
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
Surface Mount
Surface Mount
Center-tap
Axial
Frame-2Pin
Center-tap
IF/IFP
(mA)
Bridge
200
0.9
1.0
1.5
3.0
10.0
6.0
20.0
0.7
0.7
0.8
1.0
1.0
1.2
1.2
1.5
1.5
1.5
2.0
2.0
2.0
2.0
3.0
3.0
1.0 (3.0)
3.5
3.5
3.5
5.0
5.0
5.0
5.0
10.0
10.0
5.0
5.0
5.0
10.0
10.0
10.0
15.0
20.0
20.0
20.0
4.0
6.0
SFPL-52
SFPL-62
SFPX-62
SPX-G32S
MPL-102S
SPX-62S
MP2-202S
AG01Z
EG01Z
EG 1Z
AL01Z
EN01Z
RG 10Z
RG 2Z
EL02Z
EL 1Z
RN 1Z
RX 10Z
RL 10Z
RL 2Z
RN 2Z
RN 3Z
RX 3Z
RG 4Z
RL 3Z
RL 4Z
RN 4Z
FML-G12S
FMN-G12S
FMP-G12S
FMX-G12S
FML-G22S
FMX-G22S
FMG-12S, R
FML-12S
FMX-12S
FMG-22S, R
FML-22S
FMX-22S
FMX-22SL
FMG-32S, R
FML-32S
FMX-32S
RBV-402L
RBV-602L
1.0
1.0
1.5
3.0
5.0
3.0
10.0
0.7
0.7
0.8
1.0
1.0
1.2
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
3.0
3.0
3.0
3.5
3.5
3.5
5.0
5.0
5.0
5.0
10.0
10.0
2.5
2.5
2.5
5.0
5.0
5.0
7.5
10.0
10.0
10.0
2.0
3.0
10
10
10
50
100
50
200
100
50
50
100
10
500
500
50
100
20
50
50
100
50
50
50
1000
50
150
50
250
100
50
100
500
200
500
150
50
500
250
100
150
1000
600
200
50
250
20
20
20
5.0
2.5
5.0
2.5
22
20
17
22
20
15
12
20
17
15
15
15
12
12
10
10
8
10
8
8
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
2.0
2.0
2.0
5.0
3.0
63
64
80
64
80
64
65
64
65
66
68
65
66
67
80
67
68
69
70
69
71
72
73
74
75
77
75
76
77
78
79
0.072
0.072
0.072
0.41
1.4
0.41
1.4
0.13
0.2
0.3
0.13
0.2
0.4
0.6
0.2
0.3
0.4
0.4
0.4
0.6
0.6
1.0
1.0
1.2
1.0
1.2
1.2
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
5.5
5.5
5.5
4.05
6.45
25
25
30
50
65
80
110
15
15
15
25
50
50
50
25
20
60
30
30
30
70
80
80
80
80
80
120
65
100
65
65
150
150
35
35
35
65
65
65
100
150
150
150
80
100
1
1
2
10
0.2
10
0.4
0.5
0.3
0.3
0.5
2
2.5
2.5
0.1
0.5
3
3
0.1
0.5
4
6
10
5
0.2
0.5
6
1
10
0.5
20
2
50
1.5
0.5
10
1.5
1
20
30
5
2
50
0.1
1
150 (Tj)
150 (Tj)
150 (Tj)
100
150
100
150
100
100
100
100
150 (Tj)
100
100
100
100
150 (Tj)
150 (Tj)
100
100
150 (Tj)
150 (Tj)
100
100
100
100
150 (Tj)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
50
30
30
40
30
50
100
100
100
50
100
100
100
40
100
100
30
50
50
100
100
30
100
50
50
100
40
100
150
30
40
30
100
40
30
100
40
30
30
100
40
30
40
50
35
35
25
25
30
25
35
50
50
50
35
50
50
50
30
50
50
25
35
35
50
50
25
35
35
50
50
30
50
70
25
30
25
50
30
25
50
30
25
25
50
30
25
30
35
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
500/500
500/500
100/100
100/100
100/100
100/100
100/100
100/100
500/500
100/100
100/100
500/500
100/100
100/100
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
500/1000
500/1000
100/200
100/200
100/200
100/200
100/200
100/200
500/1000
100/200
100/200
500/1000
100/200
100/200
0.98
0.98
0.98
0.98
0.98
0.98
0.98
1.8
1.9
1.7
0.98
0.92
1.5
1.5
0.98
0.98
0.92
0.98
0.98
0.98
0.92
0.92
0.98
1.7
0.95
0.95
0.92
0.98
0.92
1.15
0.98
0.98
0.98
1.8
0.98
0.98
1.8
0.98
0.98
0.98
1.8
0.98
0.98
0.98
1.0
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
*
: Under development
*
Rth (j- )
Rth (j-c)
(
°C/W)
trr
(ns)
1
trr
(ns)
2
Fig.
No.


Similar Part No. - RG2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
29Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RG2Z BILIN-RG2Z Datasheet
58Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
41Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
RG2Z SUNMATE-RG2Z Datasheet
307Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results

Similar Description - RG2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXJ-2164S SANKEN-FMXJ-2164S Datasheet
328Kb / 8P
Ultra-Fast-Recovery Rectifier Diode
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A2CIC KEC-U10A2CIC_07 Datasheet
452Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A3CIC KEC-U20A3CIC_11 Datasheet
369Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U5A6CD KEC-U5A6CD Datasheet
349Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
ULTRA FAST-RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com