Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K43FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K43FS
Description  TOSHIBA Field-Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K43FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K43FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K43FS
2014-03-01
3
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
RDS (ON) – ID
Drain-source voltage VDS (V)
ID – VDS
0
800
0
0.2
0.4
0.6
600
VGS = 1.2 V
10 V
200
Common Source
Ta
= 25 °C
4.5 V
1.8 V
Gate-source voltage VGS (V)
ID – VGS
1000
0
10
100
0.1
1
0.01
3.0
− 25 °C
Ta
= 100 °C
25 °C
1.0
Vth – Ta
1.0
0
−50
0
150
50
100
RDS (ON) – Ta
0
−50
0
50
150
1.0
100
Common Source
VDS = 3 V
VGS = 4.5V
Drain current ID (mA)
0
400
600
800
0
2
1.5 V
1000
1000
0.5
Common Source
VDS = 3 V
ID = 1 mA
Common Source
0.8
1.0
2.5 V
3
1
1.5
0.5
1.5 V
1.8 V
400
0
Gate-source voltage VGS (V)
4
0
RDS (ON) – VGS
2
− 25 °C
3
1
8
2
6
10
Ta
= 100 °C
ID = 200mA
Common Source
Common Source
Ta
= 25°C
2.5V
ID = 50m A / VGS = 1.5 V
100m A / 1.8 V
200m A / 5.0 V
200m A / 4.5 V
200m A / 2.5 V
2.0
25 °C
200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com