Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K43FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K43FS
Description  TOSHIBA Field-Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K43FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K43FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K43FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K43FS
2014-03-01
4
Drain current ID (mA)
|Yfs| – ID
10
1000
1000
10
100
3000
300
1
Drain-source voltage VDS (V)
C – VDS
1
0.1
1
10
100
10
100
30
50
3
5
Common Source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Drain current ID (mA)
t – ID
10
1
1000
10
100
1000
100
tf
ton
tr
Common Source
VDD = 10 V
VGS = 0 to 2.5 V
Ta
= 25 °C
RG = 50 Ω
Drain-source voltage VDS (V)
IDR – VDS
1000
0
10
100
0.1
1
–0.5
–1.0
−25 °C
Ta =100 °C
25 °C
–1.5
Common Source
VGS = 0 V
G
D
S
IDR
toff
10000
Ciss
Coss
Crss
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
0
0
2
4
8
10
6
2
1
3
Common Source
ID = 0.5 A
Ta
= 25°C
Ambient temperature Ta (°C)
PD – Ta
200
0
50
120
100
140
100
150
160
250
80
60
40
20
0
-20
-40
Mounted on a FR4 board
(25.4 mm × 25.4 mm × 1.6 mm , Cu Pad : 0.36 mm
2 ×3)
100
30
VDD = 10 V
VDD = 16 V
Common Source
VDS = 3 V
Ta
= 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com