Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP07-MP503 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP07-MP503
Description  Air-Quality Detection Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP07-MP503 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP07-MP503 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Air-Quality Detection Module
Sensitivity Characteristics
Picture 2: Contrast of the sensitivity in different gases
Application of schematic diagram
Picture 3: Module application diagram
Pin definition Table2
Output Signal
Table3.
Pin
Name
Function
Pollution
class
A output B output Air concentration
1
GND
Input power -
0
0V
0V
Clean air
2
5V
Input power +
1
0V
+5V
Slight pollution
air
3
A
Output signal A
2
+5V
0V
Middle pollution
air
4
B
Output signal B
3
+5V
+5V
Heavy pollution
air



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com