Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP07-MP503 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP07-MP503
Description  Air-Quality Detection Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP07-MP503 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP07-MP503 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP07-MP503 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Air-Quality Detection Module
ZP07 Air-Quality Detection Module
Product Description
ZP07 air-quality module adopts flat surface semiconductor
gas sensor. The module has good sensitivity to volatile
organic gases such as formaldehyde, benzene, carbon
monoxide, ammonia, hydrogen, alcohol and smoke of
cigarette, essence &etc. The module has been aging,
debugged, adjusted and calibrated. So it has good
consistency and high sensitivity.
Features
High sensitivity
Low power consumption, long life
Calibrated before shipment
10 seconds to 3 minutes with auto-preheating function
Faulty auto-check, High cost-effective
Application
Air cleaner, fresh-air system, intelligent integrated ceiling, air quality detector, ventilator, air-condition.
Technical Index
Table 1
Picture 1:Module structure diagram
Model No.
ZP07
Detection Gas
formaldehyde, benzene,
carbon monoxide, hydrogen,
alcohol, ammonia, smoke of
cigarette, essence &etc.
Physical Interface
XH2.54-4P terminal sockets
Output Data
0-3 grade pollution signal
Working Voltage
5.0±0.2V DC (No voltage
reverse connect protection)
Output
TTL level (200ohm protected
resistance inside)
Working Current
≤60mA
Warm-up Time
≤3 min
Response Time
≤20s
Recovery Time
≤60s
Operating Temperature
0~50℃
Operating Humidity
≤95%RH
Storage Temperature
-
20~60℃
Storage Humidity
≤60%RH
Size
24×20×16mm(L×W×H)
Weight
≤ 20g
Sensitivity Attenuator
≤1%/year
Life Span
≥5 years



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com