Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8093821 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8093821
Description  Air gap sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8093821 Datasheet(HTML) 1 Page - Festo Corporation.

  8093821 Datasheet HTML 1Page - Festo Corporation. 8093821 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air gap sensor
SOPA-CM2H-R1-HQ6-PNLK-A-M12
Part number: 8093821
Data sheet
Feature
Value
Type code
SOPA
Electrical connection 1, connection type
Plug
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
KC characters
KC EMC
Electrical connection for input 1, connection pattern
00991172
Electrical connection 1, number of pins/wires
5
Detected variable
Gap
Analog output
4 - 20 mA
Distance characteristic curve start value
0 µm
Distance characteristic curve end value
300 µm
Max. load resistance of current output
500 Ohm
Rise time
22 ms
Repetition accuracy in ± µm
2.5 µm
Symbol
00997316
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Note on materials
Free of copper and PTFE
RoHS-compliant
Measuring principle
Pneumatic
Sensing range
20 µm ... 200 µm
Operating pressure
4 bar ... 7 bar
Supply pressure
0.8 bar ... 1.6 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 50 °C
Switching output
PNP/NPN switchable
Switching function
Window comparator
Threshold value with variable hysteresis
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Short-circuit protection
yes
Protocol
IO-Link®
IO-Link®, protocol version
Device V 1.1
IO-Link®, profile
Smart sensor profile
6/1/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8093821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8093820 FESTO-8093820 Datasheet
103Kb / 2P
Air gap sensor
8093822 FESTO-8093822 Datasheet
106Kb / 2P
Air gap sensor
8093823 FESTO-8093823 Datasheet
106Kb / 2P
Air gap sensor
8093824 FESTO-8093824 Datasheet
107Kb / 2P
Air gap sensor
8093825 FESTO-8093825 Datasheet
107Kb / 2P
Air gap sensor
More results

Similar Description - 8093821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552133 FESTO-552133 Datasheet
101Kb / 2P
Air gap sensor
552134 FESTO-552134 Datasheet
94Kb / 2P
Air gap sensor
552139 FESTO-552139 Datasheet
99Kb / 2P
Air gap sensor
552145 FESTO-552145 Datasheet
103Kb / 2P
Air gap sensor
552147 FESTO-552147 Datasheet
95Kb / 2P
Air gap sensor
8093819 FESTO-8093819 Datasheet
100Kb / 2P
Air gap sensor
8093820 FESTO-8093820 Datasheet
103Kb / 2P
Air gap sensor
8093822 FESTO-8093822 Datasheet
106Kb / 2P
Air gap sensor
8093823 FESTO-8093823 Datasheet
106Kb / 2P
Air gap sensor
8093824 FESTO-8093824 Datasheet
107Kb / 2P
Air gap sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com