Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8093821 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8093821
Description  Air gap sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8093821 Datasheet(HTML) 2 Page - Festo Corporation.

  8093821 Datasheet HTML 1Page - Festo Corporation. 8093821 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
IO-Link®, function classes
Process data variable (PDV)
Identification
Diagnostics
Teach channel
Switching signal channel (SSC)
IO-Link®, communication mode
COM2 (38,4 kBd)
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width OUT
0 Byte
IO-Link®, process data width IN
2 Byte
IO-Link®, process data content IN
2-bit SSC (distance monitoring)
1-bit SSC (supply pressure monitoring)
10-bit PDV (distance)
IO-Link®, service data contents IN
14-bit supply pressure
IO-Link®, minimum cycle time
3 ms
IO-Link®, data memory required
<500 byte
DC operating voltage range
22.8 V ... 26.4 V
Reverse polarity protection
for all electrical connections
Type of mounting
Optionally:
With through-hole
With H-rail
Pneumatic connection
QS-6
Product weight
570 g
Housing material
PA-reinforced
Display type
Illuminated LCD, multi-color
Setting options
IO-Link®
Teach-in
Via display and pushbuttons
Protection against tampering
Electronic interlock
Degree of protection
IP65
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
6/1/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com