Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM30F040PC Datasheet(PDF) 1 Page - MacMic

Part # MM30F040PC
Description  400V 30A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM30F040PC Datasheet(HTML) 1 Page - MacMic

  MM30F040PC Datasheet HTML 1Page - MacMic MM30F040PC Datasheet HTML 2Page - MacMic MM30F040PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT FEATURES
□
Ultrafast Recovery Time
□
Freewheeling, Snubber, Clamp
□
Low Recovery Loss
□
Inversion Welder
□
Soft Reverse Recovery Characteristics
□
PFC
□
Low Leakage Current
□
Plating Power Supply
□
Low Forward Voltage
□
Ultrasonic Cleaner and Welder
□
High Surge Current Capability
□
Converter & Chopper
□
UPS
FRED from MacMic utilizes advanced processing techniques to achieve
ultrafast recovery times and higher forward current. Its soft recovery
characteristics and high reliability suit for wide industrial applications.
Unit
W
℃
℃
Nm
℃
/W
g
Unit
μA
mA
ns
ns
MM30F040PC
400V 30A FRED
November 2019
Version 02
RoHS Compliant
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(T
C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Values
VR
Maximum D.C. Reverse Voltage
400
V
VRRM
Maximum Repetitive Reverse Voltage
IF(AV)
Average Forward Current
TC=110℃, Per Diode
15
A
TC=110℃, Per Package
30
IF(RMS)
RMS Forward Current
TC=110℃, Per Diode
21
IFSM
Non Repetitive Surge Forward Current
TJ=25℃,t=10ms, 50Hz, Sine
280
PD
Power Dissipation
114
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +125
Torque
To Heat Sink
Recommended(M3)
1.1
RthJC
Junction to Case Thermal Resistance(Per Diode)
1.1
Weight
6
ELECTRICAL CHARACTERISTICS (T C =25°C unless otherwise specified)
Symbol
Parameter/Test Conditions
Min.
Typ.
Max.
IRM
Maximum Reverse Leakage Current
VR =400V
10
VR =400V, TJ = 125℃
1
VF
Forward Voltage
IF=15A
1.0
1.3
V
IF=15A,TJ=125℃
0.9
trr
Reverse Recovery Time (IF = 1A, dIF/dt = -200A/μs, VR = 30V)
27
31
trr
Reverse Recovery Time (IF = 0.5A, IR=1A, IRR = 0.25A)
40
50
MacMic Science & Technology Co., Ltd.
Add:#18, Hua Shan Zhong Lu, New District, Changzhou City, Jiangsu Province, P. R .of China
Tel.:+86-519-85163708 Fax:+86-519-85162291 Post Code:213022 Website:www.macmicst.com
1
2
3
TO-3P
1


Similar Part No. - MM30F040PC

ManufacturerPart #DatasheetDescription
logo
MacMic
MM30F060B MACMIC-MM30F060B Datasheet
259Kb / 3P
600V 30A FRED
More results

Similar Description - MM30F040PC

ManufacturerPart #DatasheetDescription
logo
MacMic
MM30FC120B MACMIC-MM30FC120B Datasheet
618Kb / 3P
1200V 30A FRED
MM30FU060B MACMIC-MM30FU060B Datasheet
536Kb / 3P
600V 30A FRED
MM30FU060K1 MACMIC-MM30FU060K1 Datasheet
653Kb / 3P
600V 30A FRED
MM30FU60K MACMIC-MM30FU60K Datasheet
605Kb / 3P
600V 30A FRED
MM30FU120B MACMIC-MM30FU120B Datasheet
657Kb / 3P
1200V 30A FRED
MM30FU120K MACMIC-MM30FU120K Datasheet
658Kb / 3P
1200V 30A FRED
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
400V 60A FRED
MM80FU040PC MACMIC-MM80FU040PC Datasheet
681Kb / 3P
400V 80A FRED
logo
Shenzhen Luguang Electr...
MUR3040PT LUGUANG-MUR3040PT Datasheet
850Kb / 1P
400V 30A FRED
logo
MacMic
MM30FU060PC MACMIC-MM30FU060PC Datasheet
615Kb / 3P
600V 30A FRED
June 2015 Version 01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com