Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM60F020PC Datasheet(PDF) 2 Page - MacMic

Part # MM60F020PC
Description  200V 60A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM60F020PC Datasheet(HTML) 2 Page - MacMic

  MM60F020PC Datasheet HTML 1Page - MacMic MM60F020PC Datasheet HTML 2Page - MacMic MM60F020PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM60F020PC
2/3
VF(V)
Fig1. Forward Voltage Drop vs Forward Current
TJ =125°C
TJ =25°C
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
1.2
diF/dt(A/μs)
Fig2. Reverse Recovery Time vs diF/dt
1000
800
600
400
200
0
0
20
40
60
80
100
VR=100V
TJ =125°C
IF=60A
IF=15A
IF=30A
diF/dt(A/μs)
Fig3. Reverse Recovery Current vs diF/dt
25
20
15
10
5
0
0
200
400
600
800
1000
diF/dt(A/μs)
Fig4. Reverse Recovery Charge vs diF/dt
1000
800
600
400
200
0
0
50
100
150
200
250
VR=100V
TJ =125°C
IF=60A
IF=15A
IF=30A
VR=100V
TJ =125°C
IF=60A
IF=30A
IF=15A
Duty
0.5
0.2
0.1
0.05
Single Pulse
0
0.2
0.4
1.2
0.6
10
1
10
-1
10
-2
10
-3
0.8
IRRM
Qrr
trr
TJ (°C)
Fig5. Dynamic Parameters vs Junction Temperature
0
25
50
100
150
1
10
-1
10
-2
10
-3
10
-4
Rectangular Pulse Duration (seconds)
Fig6. Transient Thermal Impedance
75
125
0.6
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com