Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM60F020PC Datasheet(PDF) 3 Page - MacMic

Part # MM60F020PC
Description  200V 60A FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MM60F020PC Datasheet(HTML) 3 Page - MacMic

  MM60F020PC Datasheet HTML 1Page - MacMic MM60F020PC Datasheet HTML 2Page - MacMic MM60F020PC Datasheet HTML 3Page - MacMic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MM60F020PC
3/3
Fig7. Diode Reverse Recovery Test Circuit and Waveform
IF
dIF/dt
trr
IRRM
Qrr
0.25 IRRM
0.9 IRRM
Dimensions in Millimeters and (Inchs)
Fig8. Package Outline



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com