Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP5B3CM Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEP5B3CM
Description  Low Capacitance Bidirectional TVS/ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP5B3CM Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEP5B3CM Datasheet HTML 1Page - Rectron Semiconductor TEP5B3CM Datasheet HTML 2Page - Rectron Semiconductor TEP5B3CM Datasheet HTML 3Page - Rectron Semiconductor TEP5B3CM Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The TEP5B3CM is designed to protect voltage
sensitive component from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these parts
ideal for ESD protection on designs where board
space is at a premium. Because of its small size, it
is suited for use in cellular phones, portable
devices, digital cameras, power supplies and many
other portable applications where board space
comes at a premium. Also because of its low
capacitance, it is suited for use in high frequency
designs such as high speed line application.
This device has been specifically designed to
protect sensitive components which are connected
to data and transmission lines from overvoltage
caused by ESD (electrostatic discharge), and EFT
(electrical fast transients).
—IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
—IEC61000-4-4 (EFT) 40A (5/50ηs)
—Peak power dissipation: 400W (8/20μs)
—Protects one directional I/O line
—Low clamping voltage
—Working voltages : 3.3V
—Low leakage current
—Low capacitance
MACHANICAL DATA
—SOD-523 package
—Terminals: Gold plated, solderable per
MIL-STD-750, method 2026
—Packaging: Tape and Reel
—Reel size: 7 inch
—Weight: 0.001 gram (approx.)
—MSL 3
— Device: TEP5B3CM
—Package: SOD-523
—Marking: 3CM
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 3,000pcs
—High Speed Line
—Serial and Parallel Ports
—Notebooks, Desktops, Servers
—Projection TV
—Cellular handsets and accessories
—Portable instrumentation
—Peripherals
Low Capacitance Bidirectional TVS/ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
TEP5B3CM
— P/N suffix V means AEC-Q101 qualified,
e.g:TEP5B3CMV
2019-11/01
REV:O


Similar Part No. - TEP5B3CM

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP5B5CL RECTRON-TEP5B5CL Datasheet
182Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CM RECTRON-TEP5B5CM Datasheet
117Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
More results

Similar Description - TEP5B3CM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
Low capacitance bidirectional ESD protection diode
logo
Rectron Semiconductor
TEP3B3CM RECTRON-TEP3B3CM Datasheet
162Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP3B5CM RECTRON-TEP3B5CM Datasheet
140Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CL RECTRON-TEP5B5CL Datasheet
182Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP5B5CM RECTRON-TEP5B5CM Datasheet
117Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP0501CM RECTRON-TEP0501CM Datasheet
102Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP0502D RECTRON-TEP0502D Datasheet
182Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
Low capacitance bidirectional ESD protection diode
23 November 2022
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
13 April 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com