Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBAL-C6-A-R Datasheet(PDF) 1 Page - Festo Corporation.

Part # SBAL-C6-A-R
Description  Surface light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBAL-C6-A-R Datasheet(HTML) 1 Page - Festo Corporation.

  SBAL-C6-A-R Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface light
SBAL-C6-A-R
Part number: 8031159
Data sheet
Feature
Value
Type code
SBAL-C6-A
Wavelength
620 nm
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
Working distance
100 - 300 mm
Lighting type
Surface light
Type of light
Red
LED
Clear
Electrical connection
12-pin
2x M12
Plug
Trigger level
Level 10 V ... UB
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+/- 10 %
Residual ripple
10 %
Current consumption during continuous operation
80 mA
Current consumption during flash operation
250 mA
Maximum number of devices connectable in series (diagram)
4
Reverse polarity protection
for all electrical connections
Ambient temperature during continuous operation
0 °C ... 50 °C
Ambient temperature during flash operation
0 °C ... 50 °C
Storage temperature
-20 °C ... 60 °C
Degree of protection
IP67
Product weight
60 g
Type of mounting
Clamped in dovetail slot
With accessories
Housing material
ABS-reinforced
Note on materials
RoHS-compliant
6/7/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - SBAL-C6-A-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SBAL-C6-A-NR FESTO-SBAL-C6-A-NR Datasheet
75Kb / 1P
Surface light
SBAL-C6-A-W FESTO-SBAL-C6-A-W Datasheet
75Kb / 1P
Surface light
More results

Similar Description - SBAL-C6-A-R

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PT19-315C EVERLIGHT-ALS-PT19-315C Datasheet
440Kb / 11P
Surface - Mount Ambient Light Sensor
ALS-PDIC17-55C EVERLIGHT-ALS-PDIC17-55C Datasheet
516Kb / 14P
Surface - Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C Datasheet
509Kb / 14P
Surface-Mount Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-R100 AVAGO-HLMP-R100 Datasheet
281Kb / 8P
Rectangular light emitting surface
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
Rectangular light emitting surface
logo
Everlight Electronics C...
EAALSDIC2012A2 EVERLIGHT-EAALSDIC2012A2 Datasheet
544Kb / 12P
Ambient Light Sensor ??Surface Mount
EAALSDIC3215A1 EVERLIGHT-EAALSDIC3215A1 Datasheet
770Kb / 12P
Ambient Light Sensor ??Surface Mount
EAALSDSY6444A0 EVERLIGHT-EAALSDSY6444A0 Datasheet
545Kb / 7P
Ambient Light Sensor ??Surface Mount
logo
Festo Corporation.
8031158 FESTO-8031158 Datasheet
75Kb / 1P
Surface light
8031160 FESTO-8031160 Datasheet
75Kb / 1P
Surface light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com