Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-R100 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-R100
Download  HLMP-R100 Download
File Size   281.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Rectangular light emitting surface

HLMP-R100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-R100 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-R100
Download  HLMP-R100 Click to download

File Size   281.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Rectangular light emitting surface

HLMP-R100 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HLMP-R100 Product details

Description
The HLMP-R100, -0301, -0401, -0504 are solid state lamps encapsulated in a radial lead rectangular epoxy package. They utilize a tinted, diffused epoxy to provide high on-off contrast and a flat high intensity emitting surface. Borderless package design allows creation of uninterrupted light emitting areas.

Features
• Rectangular light emitting surface
• Flat high sterance emitting surface
• Stackable on 2.54 mm (0.100 inch) centers
• Ideal as flush mounted panel indicators
• Ideal for backlighting legends
• Long life: solid state reliability
• Choice of 4 bright colors
    – DH AS AlGaAs Red
    – High Efficiency Red
    – Yellow
    – High Performance Green
• IC compatible/low current requirements




Similar Part No. - HLMP-R100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-R100 HP-HLMP-R100 Datasheet
174Kb / 9P
Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-R100-FG0XX BOARDCOM-HLMP-R100-FG0XX Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100_05 Datasheet
174Kb / 9P
Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Similar Description - HLMP-R100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
LIGHT EMITTING
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
Light Emitting Diode (LED) 1206 Surface Mount
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
Rectangular light emitting surface
logo
Lite-On Technology Corp...
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
RECTANGULAR LIGHT BAR
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
RECTANGULAR LIGHT BAR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com