Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-R100
Description  Rectangular light emitting surface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-R100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-R100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Selection Guide
Color
Part Number
Luminous Intensity
Iv (mcd) at 20 mA
Min.
Typ.
DH AlGaAs Red
HLMP-R100
2.1
Red
HLMP-0301
2.1
HLMP-0301-C00xx
1.3
Yellow
HLMP-0401
3.6
HLMP-0401-B00xx
1.4
HLMP-0401-D00xx
3.6
Green
HLMP-0504
2.6
HLMP-0504-B00xx
1.6
HLMP-0504-C00xx
2.6
Part Numbering System
Mechanical Options
00: Bulk
02: Tape & Reel, Straight Leads
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (No Maximum Limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Color Options
1. As AlGaAs Red
3. High Efficiency Red
4. Yellow
5. Green
Package Options
R,0: Rectangular 2.5 mm x 7.6 mm
HLMP - x x xx - x x x xx



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com