Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-R100
Description  Rectangular light emitting surface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-R100 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-R100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-R100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Power Dissipation
87
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
5
V
Transient Forward Current[3] (10
μs Pulse)
500
500
500
500
mA
Operating Temperature Range
-20 to +100
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, and Green Series derate linearly from 50°C at 0.5 mA/°C. For Yellow Series derate linearly from 50°C at 0.2 mA/°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com