Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000FG Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R2000FG
Description  SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R2000FG Datasheet(HTML) 1 Page - Rectron Semiconductor

  R2000FG Datasheet HTML 1Page - Rectron Semiconductor R2000FG Datasheet HTML 2Page - Rectron Semiconductor R2000FG Datasheet HTML 3Page - Rectron Semiconductor R2000FG Datasheet HTML 4Page - Rectron Semiconductor R2000FG Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE FAST RECOVERY RECTIFIER
VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
FEATURES
*Fast switching
*Low leakage
*High current capability
*High surge capability
*High reliability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
R2000FG
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES :
2.Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
*Lead: MIL-STD-202E method 208C guaranteed
*Mounting position: Any
* Weight: 0.336 g ram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ, TSTG
VRMS
Volts
Volts
mAmps
500
20
-65 to + 175
Amps
0 C
UNITS
R2000FG
2000
1400
2000
Volts
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.8
1.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.1A DC
Volts
500
uAmps
Maximum Reverse Recovery Time (Note2 )
at Rated DC Blocking Voltage
A
= 25
oC
trr
300
nSec
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
I
2t
1.66
A
2S
Typical Current Squarad Time
2019-01
REV:O
Typical Thermal Resistance (Note 1)
65
0 C/W
R JA
30
R JL
1. Thermal Resistance : Mounted on PCB.
SURFACE MOUNT GLASS PASSIVATED
R2000FG
*Glass passivated junction
@ T
A
= 150
oC
@ T


Similar Part No. - R2000FG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R2000FGP MCC-R2000FGP Datasheet
204Kb / 3P
0.5 Amp High Voltage ast Recovery Glass Passivated Rectifier 2000 Volts
More results

Similar Description - R2000FG

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
05F1 RECTRON-05F1 Datasheet
420Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
05S2 RECTRON-05S2 Datasheet
356Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
logo
Micro Commercial Compon...
FM2000GP MCC-FM2000GP Datasheet
236Kb / 3P
0.5 Amp High Voltage Fast Recovery Glass Passivated Rectifier 2000 Volts
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
R2000G RECTRON-R2000G Datasheet
251Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER VOLTAGE RANGE 2000 to 0.5/0.2 Ampere
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
FMSB307S RECTRON-FMSB307S Datasheet
589Kb / 7P
VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
2020-03/97 REV:A
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com