Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000FG Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # R2000FG
Description  SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R2000FG Datasheet(HTML) 2 Page - Rectron Semiconductor

  R2000FG Datasheet HTML 1Page - Rectron Semiconductor R2000FG Datasheet HTML 2Page - Rectron Semiconductor R2000FG Datasheet HTML 3Page - Rectron Semiconductor R2000FG Datasheet HTML 4Page - Rectron Semiconductor R2000FG Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( R2000FG )
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
70
60
50
40
30
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
0
50
100
150
175
500
400
300
200
100
0
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
120/1 ns/cm
FIG. 3 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50
NONINDUCTIVE
10
NONINDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com