Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC1210-R15M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMC1210-R15M
Description  Surface Mount Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMC1210-R15M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMC1210-R15M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wilco Corporation
6451
Saguar o
Ct.
Indiana polis, IN 46268
Hotline 800•611•2343
Fax 317•293•9462
www .wilcocorp .com
13
SMBS25 Surface Mount Shielded Inductor
SMBS35 Surface Mount Shielded Inductor
SMBS45 Surface Mount Shielded Inductor
SMPI 20 Surface Mount Power Inductor
SMPI 35 Surface Mount Power Inductor
SMPI 45 Surface Mount Power Inductor
FC Series Radial Leaded Flat Coils
SMC 1210 Surface Mount Chip Inductors
SMC 1210 Surface Mount Chip Inductors
SMC 1812 Surface Mount Chip Inductors
SMT Series Surface Mount Toroids
Surface Mount "Spring" Air Core Inductors
LFB Series Large Ferrite Bobbin Coils
SFB Series Small Ferrite Bobbin Coils
MFB Series Miniature Ferrite Bobbin Coils
DC Series Power Line Inductors
RLH Series Radial Leaded High Current
HCS / HCL Series Ferrite Rod Hash Chokes
LF Series High Current Hash Chokes
Wilco
Inductance Tolerance
Q
SRF
DCR
ldc
Test
Part Number
(uh)
(%)
Min.
Min.
Max
Max.
Freq.
(MHz)
Amps
(MHz)
SMC1210-R10M
0.10
+/-
20
28
700
0.44
0.45
100
SMC1210-R15M
0.15
+/-
20
30
450
0.25
0.45
25.2
SMC1210-R22M
0.22
+/-
20
30
350
0.32
0.45
25.2
SMC1210-R33M
0.33
+/-
20
30
300
0.40
0.45
25.2
SMC1210-R47M
0.47
+/-
20
30
220
0.50
0.45
25.2
SMC1210-R68M
0.68
+/-
20
30
160
0.60
0.45
25.2
SMC1210-1R0K
1.0
+/-
10
28
120
0.70
0.40
7.96
SMC1210-1R5K
1.5
+/-
10
28
85
0.85
0.37
7.96
SMC1210-2R2K
2.2
+/-
10
30
75
1
0.32
7.96
SMC1210-3R3K
3.3
+/-
10
30
60
1.2
0.26
7.96
SMC1210-4R7K
4.7
+/-
10
30
50
1.7
0.22
7.96
SMC1210-6R8K
6.8
+/-
10
30
43
2.0
0.18
7.96
SMC1210-100K
10
+/-
10
30
36
2.5
0.15
2.52
SMC1210-150K
15
+/-
10
30
30
3.2
0.13
2.52
SMC1210-220K
22
+/-
10
30
25
4.0
0.11
2.52
SMC1210-330K
33
+/-
10
30
17
5.6
0.07
2.52
SMC1210-470K
47
+/-
10
30
15
7.0
0.06
2.52
SMC1210-680K
68
+/-
10
30
12
9.0
0.05
2.52
SMC1210-101K
100
+/-
10
30
10
10
0.04
0.796
SMC1210-121K
120
+/-
10
20
10
11
0.07
0.796
SMC1210-151K
150
+/-
10
20
8
15
0.065
0.796
SMC1210-181K
180
+/-
10
20
7
17
0.06
0.796
• Packaged 2,000 per reel
• Temperature: Inductance change +/-10% max change in Q +/-20% max @ -20ºC to 80ºC.
• Terminal Pull Strength: A 1Kg load applied to both terminals in the axis direction for 1 min.
• Insulation Resistance: 1000 Mohms min 100VDC applied between terminal and case.
3.2
+/-0.2
2.5
+/-0.2
2.2
+/-0.2
1.75
.60
Terminal
electrode
Dimensions are in mm
FEATURES
•Ideal for use in high density
circuit design
• Suitable for pick and place
assembly
• Excellent solderability by
reflow soldering or
soldering iron
• Resistant to external
shocks and pressure
• Intermediate values
available
APPLICATIONS
• DC to DC converters
• Switching regulators
•Power supplies
• EMI/RFI filtering


Similar Part No. - SMC1210-R15M

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMC12 LEIDITECH-SMC12 Datasheet
129Kb / 3P
USB 2.0 power and data line
logo
SUNMATE electronic Co.,...
SMC12 SUNMATE-SMC12 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
TECH PUBLIC Electronics...
SMC12 TECHPUBLIC-SMC12 Datasheet
1Mb / 4P
2-Line Bl-directional TVS Diode
logo
Kemet Corporation
SMC12.7-105J50B31-TR24 KEMET-SMC12.7-105J50B31-TR24 Datasheet
76Kb / 1P
Capacitor, film, 1 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC12.7-155J50B31-TR24 KEMET-SMC12.7-155J50B31-TR24 Datasheet
76Kb / 1P
Capacitor, film, 1.5 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results

Similar Description - SMC1210-R15M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805 ABRACON-AISC-0805 Datasheet
231Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-1008 ABRACON-AISC-1008 Datasheet
92Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
logo
KOA Speer Electronics, ...
LPC12065 KOA-LPC12065 Datasheet
84Kb / 4P
Surface Mount Power Chip Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
Surface Mount Inductors
S0402 API-S0402 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0603 API-S0603 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-2505 RENCO-RL-2505 Datasheet
220Kb / 2P
SURFACE MOUNT CHIP INDUCTORS
RL-2515 RENCO-RL-2515 Datasheet
1Mb / 2P
SURFACE MOUNT CHIP INDUCTORS
RL-2525 RENCO-RL-2525 Datasheet
1Mb / 2P
SURFACE MOUNT CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com