Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC12 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SMC12 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SMC12
Download  SMC12 Download
File Size   2022.83 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Bl-directional TVS Diode

SMC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC12 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SMC12
Download  SMC12 Click to download

File Size   2022.83 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Bl-directional TVS Diode

SMC12 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SMC12 Product details

Features
• 80W peak pulse power(8/20 μs)
• Ultra low leakage: nA level
• Operating voltage: 12V
• Low clamping voltage
• Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5 (Lightning) 8A (8/20μs)
• RoHS Compliant




Similar Part No. - SMC12

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMC12 LEIDITECH-SMC12 Datasheet
129Kb / 3P
USB 2.0 power and data line
logo
SUNMATE electronic Co.,...
SMC12 SUNMATE-SMC12 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Kemet Corporation
SMC12.7-105J50B31-TR24 KEMET-SMC12.7-105J50B31-TR24 Datasheet
76Kb / 1P
Capacitor, film, 1 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC12.7-155J50B31-TR24 KEMET-SMC12.7-155J50B31-TR24 Datasheet
76Kb / 1P
Capacitor, film, 1.5 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC12.7-474J100B31-TR24 KEMET-SMC12.7-474J100B31-TR24 Datasheet
76Kb / 1P
Capacitor, film, 0.47 uF, /-5% Tol, General Purpose, 100 VDC@125C
More results


Similar Description - SMC12

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0S1BA TECHPUBLIC-PESD5V0S1BA Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SDT23C12L02 TECHPUBLIC-SDT23C12L02 Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
ESD5V0D3B TECHPUBLIC-ESD5V0D3B Datasheet
1,014Kb / 4P
1-Line Bl-directional TVS Diode
PSD05C-LF-T7 TECHPUBLIC-PSD05C-LF-T7 Datasheet
3Mb / 4P
1-Line Bl-directional TVS Diode
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05C TECHPUBLIC-SD05C Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SM12C TECHPUBLIC-SM12C Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
TPE05KHC TECHPUBLIC-TPE05KHC Datasheet
1,009Kb / 4P
1-Line Bl-directional TVS Diode
TPPESD24VL1BA TECHPUBLIC-TPPESD24VL1BA Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com