Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLDY Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 47NLDY
Description  Digital Panel Meters 47NL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLDY Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  47NLDY Datasheet HTML 1Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 2Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 3Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 47NLDY
47NLDY SPECIFICATIONS
ES-9567 Rev.2 Page 1/4
https://www.m-system.co.jp/
Digital Panel Meters 47NL Series
CURRENT LOOP SUPPLY DIGITAL PANEL METER
(4 1/2 digit, LED display type)
Functions & Features
• 4 ½ digit current loop supply digital panel meter
• Moving average function to suppress the display flickering
• Scaling, forced zero, low-end cutout
• Switchable between linear and square root extraction
• Max. and Min. value display
• Photo MOSFET relay alarm output
48.0
(1.89)
96.0 (3.78)
20.0 (.79)
mm (inch)
Zro
Spn
D/P
Tch
Fnc
Min
Max
H
P
L
Alarm/
Scale/
Max/Min
Shift
Up
MODEL: 47NLDY-[1]-R[2]
ORDERING INFORMATION
• Code number: 47NLDY-[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. 47NLDY-B-R/Q)
• Specify the specification for option code /Q
(e.g. /SET)
INPUT
Current
4 – 20 mA DC (Input resistance 250 Ω)
[1] DISPLAY COLOR
R: Red
YR: Orange
G: Green
B: Blue
W: White
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9567)
GENERAL SPECIFICATIONS
Construction: Panel mount type
Degree of protection: IP66; Applicable to the front of the
panel meter mounted according to the specified panel
cutout. Only screw mounting conforms.
Connection: Screwless spring terminal
Applicable wire size: 0.2 to 0.5 mm2, stripped length 6 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to alarm output to power
Setting: (Front button)
• Scaled range
• Linear, square root extraction
• Moving average
• Low-end cutout
• Others
(Refer to the instruction manual for details)
Averaging: None or moving average
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Display: 16 mm (.63) high, 4 ½ digits, 7-segment LED
Display range: -19999 to 19999
Decimal point position: 10–1, 10–2, 10–3, 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: ‘-19999’ or ‘19999’ blinking for
display values out of the display range.
‘S.ERR’ and ‘Min’ or ‘Max’ blinking when the input signal is
out of the usable range.
Overload indication: 'O.L.' and 'Max' blinking when input
overload.
Alarm status indication
L indicator: Green turns on when the L alarm is tripped.
H indicator: Red turns on when the H alarm is tripped.
P indicator: Amber turns on when none of the other alarms
is tripped.
Only ‘P’ turns on when no-alarm is selected with
alarm setpoint.
Function indicators:
Zro, Spn, D/P, Tch, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,


Similar Part No. - 47NLDY

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLDYT MSYSTEM-47NLDYT Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLDYT-B-R MSYSTEM-47NLDYT-B-R Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLDYT-B-R/Q MSYSTEM-47NLDYT-B-R/Q Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLDYT-G-R MSYSTEM-47NLDYT-G-R Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLDYT-G-R/Q MSYSTEM-47NLDYT-G-R/Q Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
More results

Similar Description - 47NLDY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
47NLDYT MSYSTEM-47NLDYT Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47NLV MSYSTEM-47NLV Datasheet
232Kb / 4P
Digital Panel Meters 47NL Series
47NLVT MSYSTEM-47NLVT Datasheet
178Kb / 5P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com