Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLDY Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47NLDY
Description  Digital Panel Meters 47NL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLDY Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47NLDY Datasheet HTML 1Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 2Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 3Page - M-System Co.,Ltd. 47NLDY Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 47NLDY
47NLDY SPECIFICATIONS
ES-9567 Rev.2 Page 2/4
https://www.m-system.co.jp/
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
SUPPLY OUTPUT
(across the terminals 1 – 2)
Output voltage:
24 - 28 V DC max. with no load
18 V DC min. at 20 mA no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 35 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Usable range: 4.00 - 20.00 mA DC
(Conformance range: -20 - +120 % of usable range)
OUTPUT SPECIFICATIONS
■ Alarm Output: Photo MOSFET Relay
Rating: 26.4 V DC @ 100 mA (resistive load)
ON resistance: ≤ 5 Ω
INSTALLATION
Power consumption
•DC: 2.2 W max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Magnet or screw mounting
Weight: 85 g (3.0 oz)
PERFORMANCE
Accuracy
Display: ±0.1 % ± 1 digit
(Input within 1 - 100 % for square root extraction)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to alarm
output to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com