Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DCT-A1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 40DCT-A1-R
Description  Digital Panel Meters 40 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DCT-A1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  40DCT-A1-R Datasheet HTML 1Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 2Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 3Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 4Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 5Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 6Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 40DCT
40DCT SPECIFICATIONS
ES-9538 Rev.8 Page 1/7
https://www.m-system.co.jp/
Digital Panel Meters 40 Series
AC CURRENT INPUT DIGITAL PANEL METER
(4 digit, process meter, true RMS sensing)
Functions & Features
• 4 digit (±9999) panel meter
• Scaling and HOLD functions
• High visible, 0.8" (20.3mm) high and bright LED
mm (inch)
96 (3.78)
48
(1.89)
96 (3.78)
MODEL: 40DCT–[1]–[2][3]
ORDERING INFORMATION
• Code number: 40DCT–[1]–[2][3]
Specify a code from below for each of [1] through [3].
(e.g. 40DCT-A5-K3/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Current
A1: 0.00 - 20.00 mA AC (Conformance range)
(Input range: 0.00 – 24.00 mA AC, Input resistance: 5 Ω)
A2: 0.0 - 200.0 mA AC (Conformance range)
(Input range: 0.0 – 240.0 mA AC, Input resistance: 0.5 Ω)
A3: 0.000 - 2.000 A AC (Conformance range)
(Input range: 0.000 – 2.400 A AC, Input resistance: 0.05 Ω)
A4: 0.000 - 1.000 A AC (Conformance range)
(Input range: 0.000 – 1.200 A AC, Input transformer burden: 0.1 VA)
A5: 0.000 - 5.000 A AC (Conformance range)
(Input range: 0.000 – 6.000 A AC, Input transformer burden: 0.5 VA)
[2] POWER INPUT
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±20 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9538)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M3 screw terminals (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Sampling rate: 10 times/sec. (100 msec.)
Averaging: None or moving average
Setting: (Front button)
• Scaled range
• Low-end cutout
• Moving average
• Brightness
• Others
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
DISPLAY
Display: 4 digits of 20.3 mm (0.8 inch) height, 7-segment,
red LED
Display range: -9999 to 9999
Scaling range: -9999 to 9999 counts
Decimal point position: 10-1, 10-2, 10-3 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: '-9999' or '9999' blinking for display


Similar Part No. - 40DCT-A1-R

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
40DCPW GAPTEC-40DCPW Datasheet
2Mb / 5P
40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
40DCPW_12S4 GAPTEC-40DCPW_12S4 Datasheet
2Mb / 5P
40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
40DCPW_15S4 GAPTEC-40DCPW_15S4 Datasheet
2Mb / 5P
40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
40DCPW_24S4 GAPTEC-40DCPW_24S4 Datasheet
2Mb / 5P
40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
40DCPW_S4 GAPTEC-40DCPW_S4 Datasheet
2Mb / 5P
40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
More results

Similar Description - 40DCT-A1-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
40DN MSYSTEM-40DN Datasheet
198Kb / 5P
Digital Panel Meters 40 Series
40DPT MSYSTEM-40DPT Datasheet
260Kb / 7P
Digital Panel Meters 40 Series
40DR MSYSTEM-40DR Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
40DT MSYSTEM-40DT Datasheet
201Kb / 6P
Digital Panel Meters 40 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com