Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DCT-A1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 40DCT-A1-R
Description  Digital Panel Meters 40 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DCT-A1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  40DCT-A1-R Datasheet HTML 1Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 2Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 3Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 4Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 5Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 6Page - M-System Co.,Ltd. 40DCT-A1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: 40DCT
40DCT SPECIFICATIONS
ES-9538 Rev.8 Page 2/7
https://www.m-system.co.jp/
values out of the display range. 'S.ERR' blinks surpassing
the permissible range. 'ERR' blinks when input scaling
setting is inappropriate.
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ AC Input
Frequency: 40 - 100 Hz; 45 – 65 Hz for input code A4 and A5
Overload capacity: 500 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
Input burden:
A1: 0.002 VA
A2: 0.02 VA
A3: 0.2 VA
A4: 0.1 VA
A5: 0.5 VA
■ Hold Input: Dry contact input
Detecting level: ≤ 1.5 V
Sensing: Approx. 5 V DC, 1 mA
INSTALLATION
Power consumption
•AC:
≤ 3.0 VA for 100 – 120 V
≤ 4.2 VA for 200 – 240 V
•DC: ≤ 1.0 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 180 g (0.40 lb)
PERFORMANCE
Input accuracy:
A1 to A3: ±0.4% rdg ±1digit,
(< 35 % of full scale: ±0.4% FS ±1digit)
A4 to A5: ±0.4% FS ±1digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Line voltage effect: ±0.2 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category I (input)
Installation Category II (power)
Pollution degree 2
Input to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com