Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLNT-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 47NLNT-R
Description  Digital Panel Meters 47NL Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLNT-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  47NLNT-R Datasheet HTML 1Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 2Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 3Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 4Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 47NLNT
47NLNT SPECIFICATIONS
ES-9564 Rev.4 Page 1/5
https://www.m-system.co.jp/
Digital Panel Meters 47NL Series
LOOP POWERED DIGITAL PANEL METER
(4½ digit, LED display type, with terminal block)
Functions & Features
• 4 ½ digit loop powered digital panel meter
• No external power source needed
• Moving average function to suppress the display flickering
• Scaling, forced zero, low-end cutout
• Max. and Min. value display
• Dedicated terminal block for input
48.0
(1.89)
96.0 (3.78)
48.5 (1.91)*
Zro
Spn
D/P
Tch
Fnc
Min
Max
H
P
L
Scale/
Max/Min
Shift
Up
mm (inch)
* Panel thickness not included.
MODEL: 47NLNT-[1][2]
ORDERING INFORMATION
• Code number: 47NLNT-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. 47NLNT-R/Q)
• Specify the specification for option code /Q
(e.g. /SET)
INPUT
Current
4 – 20 mA DC
[1] DISPLAY COLOR
R: Red
G: Green
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9564)
GENERAL SPECIFICATIONS
Construction: Panel mount type
Degree of protection: IP66; Applicable to the front of the
panel meter mounted according to the specified panel
cutout.
Connection: M3 screw terminals (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Setting: (Front button)
• Scaled range
• Moving average
• Others
(Refer to the instruction manual for details)
Averaging: None or moving average
Lockout setting: Prohibiting certain operations; protecting
settings
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
DISPLAY
Display: 16 mm (.63) high, 4 ½ digits, 7-segment LED
Display range: -19999 to 19999
Decimal point position: 10–1, 10–2, 10–3, 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: ‘-19999’ or ‘19999’ blinking for
display values out of the display range.
‘S.ERR’ and ‘Min’ or ‘Max’ blinking when the input signal is
out of the usable range.
Function indicators:
Zro, Spn, D/P, Tch, Fnc, Min, Max
Display mode status and operation status, ON or blink
(Display color is the same as display color code.)
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, pH, %, ppm, etc.


Similar Part No. - 47NLNT-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLN-G MSYSTEM-47NLN-G Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLN-G/Q MSYSTEM-47NLN-G/Q Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLN-R MSYSTEM-47NLN-R Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLN-R/Q MSYSTEM-47NLN-R/Q Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
More results

Similar Description - 47NLNT-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
M-System Co.,Ltd.
47NLDY MSYSTEM-47NLDY Datasheet
233Kb / 4P
Digital Panel Meters 47NL Series
47NLDYT MSYSTEM-47NLDYT Datasheet
179Kb / 5P
Digital Panel Meters 47NL Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47NLV MSYSTEM-47NLV Datasheet
232Kb / 4P
Digital Panel Meters 47NL Series
47NLVT MSYSTEM-47NLVT Datasheet
178Kb / 5P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com