Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47NLNT-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47NLNT-R
Description  Digital Panel Meters 47NL Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47NLNT-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47NLNT-R Datasheet HTML 1Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 2Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 3Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 4Page - M-System Co.,Ltd. 47NLNT-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 47NLNT
47NLNT SPECIFICATIONS
ES-9564 Rev.4 Page 2/5
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ DC Current
Current range: Approx. 3.7 to 23 mA DC
Voltage drop: Approx. 6.3 V with 4 mA; approx. 6.5 V with
20 mA (Equivalent input impedance: Approx. 325 Ω)
(There is voltage drop generated by using the unit. For the
two-wire transmitter power supply, make sure that the
operable voltage for the two-wire transmitter is ensured
including the voltage drop by other devices and wiring
resistance.)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Screw mounting
Weight: 115 g (0.25 lb)
PERFORMANCE
Accuracy
Display: ±0.1 % ± 1 digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com