Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48SV2-RVDSRT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 48SV2-RVDSRT
Description  Bargraph Indicators 48 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV2-RVDSRT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  48SV2-RVDSRT Datasheet HTML 1Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 2Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 3Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 4Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 5Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: 48SV2
48SV2 SPECIFICATIONS
ES-9315 Rev.3 Page 3/6
https://www.m-system.co.jp/
SCALE PLATE
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
■ WHAT MUST BE SPECIFIED WHEN ORDERING
Following two methods can specify scale plate.
a) Using ‘Scale Plate Designer’
Access ‘Design Scale Plate’ in the M-System web site (http://www.m-system.co.jp/english). Scale plate can be designed
in this web site.
By function below, it can be easy to create standard design or original design.
[Design Automatically]
Entering Minimum, Maximum, and Unit allows to create automatically a scale plate.
Maximum created scale division number is ’50’.
[Specify Division Interval]
Division Interval can be specified according to the application.
[Specify Division Number]
It is available to create originally with scale division number, length of line, position, character size, font and detailed position.
After designing is completed, register code is issued. Place the order with this code.
Once scale plate is designed, it is recorded. The register code can be used any number of times.
b) Specifying scale range and display unit when placing the order
It is available to create by specifying scale range and display unit for right and left.
Regarding design of scale plate such as division number, length of division number line, and character font, they are same
as above [Design Automatically],
M-System designs them.
■ DESIGNING BY ‘DESIGN AUTOMATIFICALLY’
How ‘Design Automatically’ creates scale design is described succinctly below.
■ TYPES OF DIVISIONS
Five (5) types of divisions are used depending upon the scale span, which determined by the following equation:
Scale Span = (Max. range value – Min. range value) 10n
where n = integer (used to limit the calculated scale span to the minimum of 1.1, below 11.0.)
• Type 1: 1.1 ≤ Scale Span < 1.3
Number of divisions: 22 to 25.9
Scale: Starts at 0, increments in 0.02 / 0.2 / 2 / 20 / 200.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Short, Medium, Short, Long
(4 division lines repeating)
• Type 2: 1.3 ≤ Scale Span < 2.0
Number of divisions: 26 to 39.9
Scale: Starts at 0, increments in 0.03 / 0.3 / 3 / 30 / 300.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Short, Medium, Short, Medium, Short, Long
(6 divisions repeating)
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
10
11
8
6
4
2
0
0.2
0
0.4
0.6
0.8
1
1.2
1.29
0
600
400
200
-200
-400
-600
0.6
0.3
0.0
-0.3
-0.6
-0.8
0.8
0
0.3
0.6
0.9
1.2
1.5
1.8
1.99
0
30
60
90
120
130



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com