Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48SV2-RVDSRT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48SV2-RVDSRT
Description  Bargraph Indicators 48 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV2-RVDSRT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48SV2-RVDSRT Datasheet HTML 1Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 2Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 3Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 4Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 5Page - M-System Co.,Ltd. 48SV2-RVDSRT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: 48SV2
48SV2 SPECIFICATIONS
ES-9315 Rev.3 Page 1/6
https://www.m-system.co.jp/
Bargraph Indicators 48 Series
BARGRAPH INDICATOR
Functions & Features
• Small size bargraph indicator
• Displays a process variable in 51-segment bargraph LEDs
• Clear LEDs can be recognized from a distance
• Scale plate can be easily replaced
• Separable terminal block (Separable screwless spring
terminal only)
• Displays upper and lower overranges.
• Zero & Span can be adjusted from the unit's front panel.
100
OR
80
60
40
20
0
%
18 (.71)
72
(2.83)
100
(3.94)
mm (inch)
SPAN
ZERO
DOWN
UP
MODEL: 48SV2–[1][2][3][4]–[5]
ORDERING INFORMATION
• Code number: 48SV2-[1][2][3][4]-[5]
Specify a code from below for each of [1] through [5].
(e.g. 48SV2-RV4WD-R)
• Special input range (For codes Z & 0)
• Bargraph scale (e.g. 0 – 100 %) (See ‘SCALE PLATE.’)
[1] BAR LED COLOR
R: Red
Y: Amber
G: Green
B: Blue
[2] MOUNTING DIRECTION
V: Vertical
H: Horizontal
[3] INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
B: 2 – 10 mA DC (Input resistance 20 Ω)
C: 1 – 5 mA DC (Input resistance 39 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
E: 0 – 16 mA DC (Input resistance 12 Ω)
F: 0 – 10 mA DC (Input resistance 20 Ω)
G: 0 – 1 mA DC (Input resistance 200 Ω)
H: 10 – 50 mA DC (Input resistance 5.1 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[4] TERMINAL BLOCK
S: Screwless spring terminal
D: Separable screwless spring terminal
[5] POWER INPUT
DC Power
T: 5 V DC
(Operational voltage range 5 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
SPARE PARTS
• Scale plate
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection
Terminal block "S": Screwless spring terminal
Applicable wire size 0.13 to 1.5 mm2, stripped length 8 mm
Terminal block "D": Separable screwless spring terminal
Applicable wire size 0.5 to 1.5 mm2, stripped length 7 - 8
mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to power
Zero adjustment accuracy range: -10 – +10 % (front)
Span adjustment accuracy range: 90 to 110 % (front)
Scale plate: Flame resistant resin (white scale & characters
on black base)
Zero adj. indicator LED: Green LED turns on at zero
adjustment
Span adj. indicator LED: Green LED turns on at span
adjustment.
Read rate: 100 samples / sec.


Similar Part No. - 48SV2-RVDSRT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48SV MSYSTEM-48SV Datasheet
52Kb / 2P
BARGRAPH INDICATOR
48SV-1RH3-R MSYSTEM-48SV-1RH3-R Datasheet
52Kb / 2P
BARGRAPH INDICATOR
48SV-1RH3-T MSYSTEM-48SV-1RH3-T Datasheet
52Kb / 2P
BARGRAPH INDICATOR
48SV-1RH5-R MSYSTEM-48SV-1RH5-R Datasheet
52Kb / 2P
BARGRAPH INDICATOR
48SV-1RH5-T MSYSTEM-48SV-1RH5-T Datasheet
52Kb / 2P
BARGRAPH INDICATOR
More results

Similar Description - 48SV2-RVDSRT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48AV MSYSTEM-48AV Datasheet
157Kb / 5P
Bargraph Indicators 48 Series
48V MSYSTEM-48V Datasheet
136Kb / 5P
Bargraph Indicators 48 Series
49AV2 MSYSTEM-49AV2 Datasheet
154Kb / 5P
Bargraph Indicators 49 Series
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAT MSYSTEM-48NAT Datasheet
227Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com