Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49AV2-0W1D-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 49AV2-0W1D-R
Description  Bargraph Indicators 49 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

49AV2-0W1D-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  49AV2-0W1D-R Datasheet HTML 1Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 2Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 3Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 4Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 49AV2
49AV2 SPECIFICATIONS
ES-9333 Rev.9 Page 4/5
http://www.m-system.co.jp/
CONNECTION DIAGRAM
1
2
8
9
INPUT
POWER
+
–
U(+)
V(–)
1
2
3
4
5
10
11
12
7
14
8
9
INPUT
POWER
+
–
U(+)
V(–)
Hc
Ha
Hb
Lc
La
Lb
Gc
Ga
1
2
4
5
6
11
12
13
7
14
8
9
INPUT
POWER
+
–
U(+)
V(–)
HHa
HHb
Ha
LLa
3
10
Hc, HHc
Lc, LLc
LLb
La
Gc
Ga
• 49AV2-0
• 49AV2-2
• 49AV2-4
LOAD
Inductive
Load (Coil)
Varistor or
CR Circuit
DC Powered
LOAD
Inductive
Load (Coil)
Diode, Varistor or
CR Circuit
• Relay Protection
AC Powered
U
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
0
20
40
60
80
100
V
SET
MODE
M-SYSTEM
HH
H
L
LL
SPAN
POINT
ZERO
8
9
10
11
12
13
14
1
2
3
4
5
6
7
96 (3.78)
90.5 (3.56)
approx.
16 (.63)
10 (.39)
91 (3.58)
14–M4
SCREW
PANEL CUTOUT unit: mm
L
+1
0
Panel thickness 1.6 – 5.5 mm
L = 96 × (N – 1) + 92 (mm)
where N : number of units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com