Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49AV2-0W1D-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 49AV2-0W1D-R
Description  Bargraph Indicators 49 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

49AV2-0W1D-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  49AV2-0W1D-R Datasheet HTML 1Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 2Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 3Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 4Page - M-System Co.,Ltd. 49AV2-0W1D-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 49AV2
49AV2 SPECIFICATIONS
ES-9333 Rev.9 Page 1/5
http://www.m-system.co.jp/
Bargraph Indicators 49 Series
BARGRAPH INDICATING ALARM
Functions & Features
• Bargraph and digital displays
• DIN size
• Easy-to-read tri-color LED indicator
Typical Applications
• Indicator for various signals
• Available to use alarm with display
0
20
40
60
80
100
V
SET
MODE
M-SYSTEM
HH
H
L
LL
SPAN
POINT
ZERO
mm (inch)
117(4.61)
96
(3.78)
96(3.78)
MODEL: 49AV2-[1]W1[2]-[3]
ORDERING INFORMATION
• Code number: 49AV2-[1]W1[2]-[3]
Specify a code from below for each of [1] through [3].
(e.g. 49AV2-4W13-M)
• Special input range (For codes Z & 0)
• Digital meter scale (e.g. 0.0 – 150.0)
• Use Ordering Information Sheet (No. ESU-9333). Factory
setting will be used if not otherwise specified.
[1] ALARM OUTPUT
0: None
2: 2 points
4: 4 points
BAR LED COLOR
W: 3 colors (red, green, amber)
DIGITAL DISPLAY
1: With
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
G: 0 – 1 mA DC (Input resistance 200 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
( 0 % input must be 0 mA.)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
( 0 % input must be 0 V.)
[3] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V, 50/60 Hz
DC Power
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M4 screw terminals
Housing material: ABS resin
Isolation: Input to alarm output to power
Zero adjustment: -10 to +10 % (front)
Span adjustment: 90 to 110 % (front)
Scale plate: Aluminium (white scale & characters on black
base)
H & L alarm output delay: 0 sec. (factory setting;
fieldselectable between 0 and 15 sec. by 1 sec. increments)
Setpoint adjustment
2 points:
H
[L setpoint ] to 100 %
L
0 to [H setpoint]
4 points:
HH
[H setpoint] to 100 %
H
[L setpoint] to [HH setpoint]
L
[LL setpoint] to [H setpoint]
LL 0 to [L setpoint]
Read rate: 12.5/s
Moving average sample number: 4 (factory setting; field
selectable among 1, 2, 4, 8 or 16)
■ BARGRAPH
LED: 51-segment LED
Scale length: 89 mm (3.50”) long, angle 120°
Display range: 0 to 100 (scaling function not available)
■ DIGITAL DISPLAYS
LED: 7-segment red LED, character 10 mm (.39”) high
Number of digits: 4 digits
Setting range: -1999 to 9999
(Min. 3 significant digits)


Similar Part No. - 49AV2-0W1D-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
49AI247000B1M KEMET-49AI247000B1M Datasheet
226Kb / 1P
R49, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 330 VAC (X1), 800 VDC, 110°C, Lead Spacing = 15mm
10/20/2022
49AR422000B1M KEMET-49AR422000B1M Datasheet
226Kb / 1P
R49, Film, Metallized Polypropylene, Safety, 2.2 uF, 20%, 330 VAC (X1), 800 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results

Similar Description - 49AV2-0W1D-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48AV MSYSTEM-48AV Datasheet
157Kb / 5P
Bargraph Indicators 48 Series
48V MSYSTEM-48V Datasheet
136Kb / 5P
Bargraph Indicators 48 Series
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDV MSYSTEM-48NDV Datasheet
230Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAT MSYSTEM-48NAT Datasheet
227Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com