Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3211948 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3211948
Description  Plug - PP-H 4/ 1-L
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211948 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3211948 Datasheet HTML 1Page - PHOENIX CONTACT 3211948 Datasheet HTML 2Page - PHOENIX CONTACT 3211948 Datasheet HTML 3Page - PHOENIX CONTACT 3211948 Datasheet HTML 4Page - PHOENIX CONTACT 3211948 Datasheet HTML 5Page - PHOENIX CONTACT 3211948 Datasheet HTML 6Page - PHOENIX CONTACT 3211948 Datasheet HTML 7Page - PHOENIX CONTACT 3211948 Datasheet HTML 8Page - PHOENIX CONTACT 3211948 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/pi/products/3211948
06/30/2020   Page 1 / 14
Plug - PP-H 4/ 1-L - 3211948
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in / plug connection, number of
connections: 1, number of positions: 1, cross section: 0.2 mm² - 6 mm², AWG: 24 - 10, width: 6.2 mm, height:
42.3 mm, color: gray
Your advantages
 Large-surface labeling option
 The Push-in technology COMBI plugs for self-assembly provide solutions that users can implement themselves
 Tested for railway applications
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356482943
Technical data
General
Number of positions
1
Number of levels
1
Number of connections
1
Potentials
1
Nominal cross section
4 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Area of application
Railway industry
Machine building
Plant engineering
Assembly instructions
Use of a parallel pressing tool is recommended for easy latching of the
COMBI connector and coupling elements for self-assembly
Rated surge voltage
8 kV


Similar Part No. - 3211948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211903 PHOENIX-3211903 Datasheet
281Kb / 24P
Fuse modular terminal block - PT 4-HESILED 24 (5X20)
09/12/2020
3211906 PHOENIX-3211906 Datasheet
97Kb / 6P
Feed-through terminal block - PTS 2,5-TWIN BU
3211907 PHOENIX-3211907 Datasheet
91Kb / 6P
Fuse modular terminal block - PT 4-HESILA 250 (5X20)
3211918 PHOENIX-3211918 Datasheet
61Kb / 3P
End cover - D-PTTB 4-TG
09/12/2020
3211919 PHOENIX-3211919 Datasheet
90Kb / 6P
Component terminal block - PT 4-QUATTRO-DIO 1N 5408/L-R
More results

Similar Description - 3211948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3061664 PHOENIX-3061664 Datasheet
166Kb / 10P
Connectors - PP-H 6/ 1-L
3211951 PHOENIX-3211951 Datasheet
166Kb / 13P
Plug - PP-H 4/ 1-L BU
3211958 PHOENIX-3211958 Datasheet
156Kb / 13P
Plug - PP-H 4/ 1-L GNYE
3211964 PHOENIX-3211964 Datasheet
166Kb / 13P
Plug - PP-H 4/ 1-M BU
3211977 PHOENIX-3211977 Datasheet
166Kb / 13P
Plug - PP-H 4/ 1-R
3212010 PHOENIX-3212010 Datasheet
167Kb / 13P
Plug - PP-H 4/ 1
3212077 PHOENIX-3212077 Datasheet
166Kb / 13P
Plug - PP-H 4/ 1 BU
3212088 PHOENIX-3212088 Datasheet
156Kb / 13P
Plug - PP-H 4/ 1 GNYE
3212662 PHOENIX-3212662 Datasheet
357Kb / 13P
Plug - PP-H 1,5/S/1-L BU
02/04/2022
3212675 PHOENIX-3212675 Datasheet
185Kb / 14P
Plug - PP-H 1,5/S/1-L GNYE
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com