Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3211948 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3211948
Description  Plug - PP-H 4/ 1-L
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211948 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3211948 Datasheet HTML 6Page - PHOENIX CONTACT 3211948 Datasheet HTML 7Page - PHOENIX CONTACT 3211948 Datasheet HTML 8Page - PHOENIX CONTACT 3211948 Datasheet HTML 9Page - PHOENIX CONTACT 3211948 Datasheet HTML 10Page - PHOENIX CONTACT 3211948 Datasheet HTML 11Page - PHOENIX CONTACT 3211948 Datasheet HTML 12Page - PHOENIX CONTACT 3211948 Datasheet HTML 13Page - PHOENIX CONTACT 3211948 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
https://www.phoenixcontact.com/pi/products/3211948
06/30/2020   Page 13 / 14
Plug - PP-H 4/ 1-L - 3211948
Accessories
Latching - PR - 3040559
Latching, length: 29.8 mm, width: 4.4 mm, number of positions: 1, color: orange
 
 
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Actuation tool - ST-BW - 1207608
Actuation tool, for all 2.5 mm² - 4.0 mm² spring-cages
 
 
Shield connection
Shield connection clamp - PSH 3- 6 - 3040591
Shield connection clamp, color: black
 
 
Shield connection clamp - PSH 5-10 - 3040601
Shield connection clamp, color: black
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com