Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2102 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  73VR2102 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 1/18
https://www.m-system.co.jp/
Paperless Recording System
PAPERLESS RECORDER
(built-in input modules)
Functions & Features
• 100 msec. storing rate
• Data stored in CF Cards and SD Cards
• Memory card slot accessible at the front
• ‘Quick Setup’ helps you to start and program the recorder
• Real time monitor at the host PC via Ethernet
• Dedicated application software to view and analyze the
data
• 5.5 inch TFT LCD display
• Touch panel operation
• IP65 front panel
144 (5.67)
144
(5.67)
172
(6.77)
mm (inch)
*
*195 (7.68) with the 73VR2108, 73VR2110
and 73VR2112.
MODEL: 73VR21[1]-[2]-[3][4]
ORDERING INFORMATION
• Code number: 73VR21[1]-[2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. 73VR2102-E-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/HA)
[1] NO. OF CHANNELS
02: 2-point inputs
04: 4-point inputs
06: 6-point inputs
08: 8-point inputs
10: 10-point inputs
12: 12-point inputs
[2] LANGUAGE
N: Japanese
E: English
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(CE not available for desktop type)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
INSTALLATION
/HA: Desktop type (with handle and feet)
(Desktop type cannot be mounted on a panel surface.
The handle and rubber feet cannot be detached.)
CAUTION
• With 100 msec. storing rate, measuredvalue may be
susceptible to inaccuracies due to the fast update cycle. If
this is the case, please choose 500 msec. or slower rate.
RELATED PRODUCTS
• Resistor module (model: REM3-250)
■ Memory card
A memory card is required to store data in the 73VR21x.
Available for purchase from M-System. Consult M-System
(except SD/CF conversion adapter).
M-System will not guarantee the product’s described
performance if a memory card other than purchased from M
-System, or specified below, is used.
• CF Card
1. Manufacturer: Hagiwara Solutions
Model No.: MCF10P-xxxxS
Capacity: 128 MB through 1 GB
(CFI-xxxxDG ... discontinued)
2. Manufacturer: Apacer Technology
Model name: CFC III
Model No.: AP-CFxxxxE3NR-ETNDNRQ
Capacity: 256 MB through 1 GB
Part No.: 81.27L20.TB47C (256 MB)
81.29910.TB37C (512 MB)


Similar Part No. - 73VR2102

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
Paperless Recording System
73VR1100-E-M2 MSYSTEM-73VR1100-E-M2 Datasheet
986Kb / 18P
Paperless Recording System
73VR1100-E-M2/Q MSYSTEM-73VR1100-E-M2/Q Datasheet
986Kb / 18P
Paperless Recording System
73VR1100-E-R MSYSTEM-73VR1100-E-R Datasheet
986Kb / 18P
Paperless Recording System
73VR1100-E-R/Q MSYSTEM-73VR1100-E-R/Q Datasheet
986Kb / 18P
Paperless Recording System
More results

Similar Description - 73VR2102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4166M SANYO-LA4166M Datasheet
182Kb / 8P
Recording and Playback System for Microcassette Players
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Fuji Electric
EDS10-74J FUJI-EDS10-74J Datasheet
988Kb / 12P
PAPERLESS RECORDER
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
PAPERLESS RECORDER
logo
M-System Co.,Ltd.
71VR1 MSYSTEM-71VR1 Datasheet
242Kb / 7P
Paperless Recording System
73VR1100 MSYSTEM-73VR1100 Datasheet
986Kb / 18P
Paperless Recording System
73VR3100 MSYSTEM-73VR3100 Datasheet
384Kb / 14P
Paperless Recording System
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
Paperless Recorder TR30 Series PAPERLESS RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com