Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2102 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  73VR2102 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 2/18
https://www.m-system.co.jp/
81.29920.TB37C (1 GB)
(AP-CFxxxxE3ER-ETNDNR, AP-CFxxxxE3ER-ETNDNRK ...
discontinued)
• SD Card (Compatible with 73VR21 Ver.5.03.xx or later)
Manufacturer: Hagiwara Solutions
Model No.: NSD6-004GH (B21SEI
(NSDA-004GT, NSDA-004GL ... discontinued)
SD/CF Conversion Adapter is required to use SD card. There
are some restrictions on using SD cards. For details, refer to
the instruction manual.
• SD/CF Conversion Adapter (operation confirmed):
DeLOCK adaptor CF II to SDHC,SDXC
Model: 61796 (operation has been confirmed with the
adaptor purchased in the year of 2016.)
62637 (operation has been confirmed with the
adaptor purchased in the year of 2018.)
PACKAGE INCLUDES...
• 73VR Application Software CD (model: 73VRPAC2)
• Mounting brackets (two)
(/HA: Not included for desktop type)
GENERAL SPECIFICATIONS
Construction: Panel mount type or desktop type
Degree of protection: IP65; applicable to the front panel of
the recorder with single mounting according to the specified
panel cutout (/HA: Desktop type cannot be mounted on a
panel surface)
■ CONNECTION
Ethernet: RJ-45 Modular Jack
Power input, signal input, trigger input, alarm output:
M3 separable screw terminal (torque 0.5 N·m)
Recommended solderless terminal:
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Screw terminal: Nickel-plated steel (standard) or stainless
steel
■ MATERIALS
Enclosure: Steel
Bezel: Flame-resistant resin (black)
Front filter: Transparent resin
Isolation: Input 1 to input 2 to input 3 to input 4 to input 5 to
input 6 to input 7 to input 8 to input 9 to input 10 to input
11 to input 12 to trigger input to alarm output to power
input to FG to Ethernet
Burnout for T/C and RTD input: Upscale, Downscale or No
burnout selectable
Select ‘No Burnout’ to minimize the measuring errors
caused by the sensor/wire resistance and the burnout
sensing current.
With RTD input, the signal may go transiently to the
opposite direction from the burnout setting.
With DC input, the burnout setting is ignored and the
burnout sensing current is cancelled.
Cold junction compensation (CJC) for T/C input: CJC can be
enabled or disabled per each channel.
CJC sensor attached to Input 1 and Input 7* terminals.(Input
7 for the 73VR2108, 73VR2110 and 73VR2112)
Operating mode setting: Application software; burnout type,
cold junction compensation, line noise frequency, A/D
conversion mode setting available
Line noise filter: NMNR ratio to the line frequency and its
harmonic contents can be optimized. Factory set to 50/60
Hz mode for use with both frequencies.
Select either frequency for the most effective result.
A/D conversion mode: Fast, Medium or Slow selectable.
With Slow setting, data fluctuations are minimized with
limited sampling time (speed).
With Fast setting, sampling time (speed) can be high
through data fluctuations increase.
■ INTERFACE
Ethernet: 10BASE-T / 100BASE-TX automatically switched;
Conforms to IEEE 802 (10BASE-T) or IEEE 802.3 (100BASE-
TX)
IP address: 192.168.0.1 (factory default setting)
Subnet mask: 255.255.255.0 (factory default setting)
Default gateway: None (factory default setting)
CF Card slot: Type I; for use with the cards’ operating
voltage 3.3 V
USB: Conforms to Version 1.1
■ DISPLAY
Display device: 5.5-inch TFT LCD
Display colors: 256
Resolution: 320 × 240 pixels
Pixel pitch: 0.12 × 0.35 mm
Note: The backlight can be replaced in M-System factory.
The LCD must be replaced at the same time.
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
INPUT SPECIFICATIONS
■ DC Voltage
Input resistance: 900 kΩ min.
Excluding the case in which, with range setting other than
±12 V, ±6 V or ±3 V, a voltage exceeding ±1.3 V is applied.
Input range: ±60 mV, ±125 mV, ±250 mV, ±500 mV,
±1000 mV, ±3 V, ±6 V, ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com