Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR3100-E-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 73VR3100-E-R
Description  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100-E-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 73VR3100-E-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 10/14
http://www.m-system.co.jp/
PANEL CUTOUT (unit: mm)
Usable panel thickness: 2 – 26 mm (0.08” – 1.02”)
137
+2
0
137
+2
0
■ SINGLE MOUNTING
■ VERTICAL CLUSTERED MOUNTING (max. 3 units)
■ HORIZONTAL CLUSTERED MOUNTING
L
+2
0
L
(mm)
Number
2
3
4
5
6
7
8
9
10
n
282
426
570
714
858
1002
1146
1290
1434
(114 × n) – 6
+2
0
175 min
Notes
1. The R3 I/O modules mounted on the second and the third 73VR3100
from the top cannot be removed in the vertical clustered mounting.
2. Dimensional tolerance ±3% unless otherwise specified.
(±0.3 mm for < 10 mm)
3. Desktop type cannot be mounted on a panel surface.
SOFTWARE FUNCTIONS
■ STORING RATE v.s. NUMBER OF INPUT CHANNELS
20 millisec.: 8 analog inputs and 8 discrete inputs
0.1 seconds: Total of 16 analog and/or discrete inputs
0.5 seconds or longer: Total of 64 analog and/or discrete
inputs
■ INPUT SIGNALS
Analog: DC voltage/current, thermocouple, RTD, AC
voltage/current or pulse
Discrete: Contact signals
■ DATA STORING METHOD
Normal: Recording is manually initiated and stopped. Data
is continuously stored while the recording is on.
Auto: Recording is automatically initiated and stopped at a
predefined time.
Event recording: The recorder detects an external event by
trigger signal, and stores preset number of samples (max.
1200 respectively) before and after the moment of event.
Remote trigger: Data is automatically recorded while the
external trigger condition (input) is true.
■ STORING RATE
20 millisec., 0.1, 0.5, 1, 2, 5, 10 seconds, 1, 10 minutes
■ DATA STORAGE
• CF card
Data file: Stores momentary values in the storing rate and
their calculation result.
Alarm history file: Records time index information when
alarms are triggered and reset.
Comment history file: Records comments written in trend
views with time index. Oldest data is overwritten with new
data when the number of records reaches 1000 files.
Configuration file: Stores the 73VR3100 setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com