Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR3100-E-R Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # 73VR3100-E-R
Description  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100-E-R Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button 73VR3100-E-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR3100-E-R Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 13/14
http://www.m-system.co.jp/
• Writing/Reading Setting
The recorder’s present setting can be stored in a USB flash-
memory. Setting stored in the memory can be read in to the
73VR3100.
• Trend View Storing Data
Display trend view data storable in CF card even while
"stop" operating status (only in Chart speed: 4 or 1)
■ STORABLE TIME DURATION IN 1GB CF CARD
STORING
RATE
APPROXIMATE TIME DURATION
4 ch input
8 ch input
16 ch input
32 ch input
64 ch input
20 millisec.
approx. 9 days
approx. 5 days, 8 hours
approx. 3 days
---
---
0.1 seconds
approx. 46 days
approx. 27 days, 16 hours approx. 15 days 8 hours
---
---
0.5 seconds
approx. 231 days
approx. 138 days
approx. 77 days
40 days
20 days, 16 hours
1 second
approx. 1 year, 97 days
approx. 277 days
approx. 154 days
81 days, 16 hours
approx. 42 days
10 seconds
10 years minimum
approx. 7 years, 222 days approx. 4 years, 83 days
approx. 2 years, 86 days approx. 1 year 55 days
1 minute
10 years minimum
10 years minimum
10 years minimum
10 years minimum
approx. 6 years 335 days
--- : Not Applicable
Note 1: Data are calculated ones, and thus not guaranteed.
Note 2: Assuming 4 bytes per data per channel.
Note 3: A year is calculated as 365 days.
SYSTEM CONFIGURATION EXAMPLES
• Ethernet Connection
Ethernet
Ethernet
Card Reader
CF Card
■ INTERFACING WITH A PC
• Reading Data from CF Card
■ INDEPENDENTLY USED
Paperless Recorder
(models: 73VR3100)
Data Viewer
(model: 73VRWV)
PC Recorder Software
(model: MSR128)
Paperless Recorder
(models: 73VR3100)
Paperless Recorder
(models: 73VR3100)
Note: It is recommended to connect the 73VR3100 to the PC using
straight cables via a switch/hub on the Ethernet.
Switch / Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com