Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A34 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # A34
Description  DIN RAIL MOUNTING ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

A34 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  A34 Datasheet HTML 1Page - M-System Co.,Ltd. A34 Datasheet HTML 2Page - M-System Co.,Ltd. A34 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: A-34
A-34 SPECIFICATIONS
ES-7459 Rev.3 Page 2/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
Adjust positions of the screws to attach the DIN rail to the wall surface so that they do not interfere with the screws to attach
the transmitter/indicator to the adapter.
■ MOUNTING MODEL B6U TO DIN RAIL (model: A-34)
33 (1.30)
45 (1.77)
11
(.43)
[2 (.08)]
DIN RAIL
35mm wide
48 (1.89)
2–M4 SCREW
Leave enough space at both sides of the module to reach the side levers
when installing/removing the LCD module.
■ MOUNTING THE 26-UNIT TO DIN RAIL (model: A-34/26)
33 (1.30)
45 (1.77)
11
(.43)
[2 (.08)]
DIN RAIL
35mm wide
26.5 (1.04)
2–M4 SCREW
■ MOUNTING THE 27-UNIT TO DIN RAIL (model: A-34/27)
33 (1.30)
45 (1.77)
11
(.43)
[2 (.08)]
DIN RAIL
35mm wide
20.7 (.81)
2–M4 SCREW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com