Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A34 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # A34
Description  DIN RAIL MOUNTING ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

A34 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  A34 Datasheet HTML 1Page - M-System Co.,Ltd. A34 Datasheet HTML 2Page - M-System Co.,Ltd. A34 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: A-34
A-34 SPECIFICATIONS
ES-7459 Rev.3 Page 1/3
http://www.m-system.co.jp/
DIN RAIL MOUNTING ADAPTER
Functions & Features
• Used to mount Field-mount Transmitters B6-UNIT, 26-UNIT
and 27-UNIT to a DIN rail with or without the 6DV Loop-
powered Indicator
• Tightened with screws on the adapter using the
transmitters’ mounting holes
MODEL: A-34[1]
ORDERING INFORMATION
• Code number: A-34[1]
Specify a code from below for [1].
(e.g. A-34/276)
[1] OPTIONS
blank: B6U
/26: 26-UNIT (except 26R or 26FR)
/27: 27-UNIT
/6DV: 6DV
/266: 26-UNIT (except 26R or 26FR) + 6DV
/276: 27-UNIT + 6DV
GENERAL SPECIFICATIONS
Mounting screw: M4 screw attached
Wire: Attached to the options /266 and /276
Material: Flame-resistant resin
INSTALLATION
Operating temperature: -40 to +85°C (-40 to +185°F)
(within the limit of the operating temperature for the
transmitter/indicator)
Operating humidity: 0 to 95 %RH (non-condensing)
Weight: 30 g (1.1 oz)


Similar Part No. - A34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A34 DBLECTRO-A34 Datasheet
322Kb / 1P
SINGLE ROW EDGE CARD IDC TYPE
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A34 MA-COM-A34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MA-COM-A34 Datasheet
638Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - A34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
PHOENIX CONTACT
1085484 PHOENIX-1085484 Datasheet
183Kb / 4P
Mounting plate - FL DIN-RAIL ADAPTER 40
Dec 6, 2022
1085485 PHOENIX-1085485 Datasheet
209Kb / 5P
Mounting plate - FL DIN-RAIL ADAPTER 22.5
Dec 6, 2022
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com